Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD439 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD439
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD439 Datasheet(HTML) 1 Page - STMicroelectronics

  BD439 Datasheet HTML 1Page - STMicroelectronics BD439 Datasheet HTML 2Page - STMicroelectronics BD439 Datasheet HTML 3Page - STMicroelectronics BD439 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BD439/BD440
BD441/BD442
COMPLEMENTARY SILICON POWER TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION
The BD439 and BD441 are silicon epitaxial-base
NPN power transistors in Jedec SOT-32 plastic
package, intented for use in power linear and
switching applications.
The complementary PNP types are BD440, and
BD442 respectively.
INTERNAL SCHEMATIC DIAGRAM
May 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
BD439
BD441
PNP
BD440
BD442
VCBO
Collector-Base Voltage (IE = 0)
60
80
V
VCES
Collector-Emitter Voltage (VBE = 0)
60
80
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
80
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
4
A
ICM
Collector Peak Current (t
≤ 10 ms)
7
A
IB
Base Current
1
A
Ptot
Total Dissipation at Tc
≤ 25 oC36
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
For PNP types voltage and current values are negative.
3
2
1
SOT-32
1/4


Similar Part No. - BD439

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD439 FAIRCHILD-BD439 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
logo
ON Semiconductor
BD439 ONSEMI-BD439 Datasheet
63Kb / 4P
Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
STMicroelectronics
BD439 STMICROELECTRONICS-BD439 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Dec-2000
logo
TRANSYS Electronics Lim...
BD439 TEL-BD439 Datasheet
70Kb / 3P
EPITAXIAL SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD439 SAVANTIC-BD439 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD439

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com