Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP403PZP Datasheet(PDF) 1 Page - Texas Instruments

Part # TFP403PZP
Description  TI PanelBus™ DIGITAL RECEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TFP403PZP Datasheet(HTML) 1 Page - Texas Instruments

  TFP403PZP Datasheet HTML 1Page - Texas Instruments TFP403PZP Datasheet HTML 2Page - Texas Instruments TFP403PZP Datasheet HTML 3Page - Texas Instruments TFP403PZP Datasheet HTML 4Page - Texas Instruments TFP403PZP Datasheet HTML 5Page - Texas Instruments TFP403PZP Datasheet HTML 6Page - Texas Instruments TFP403PZP Datasheet HTML 7Page - Texas Instruments TFP403PZP Datasheet HTML 8Page - Texas Instruments TFP403PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports Pixel Rates Up to 165MHz
(Including 1080p and WUXGA at 60 Hz)
D Digital Visual Interface (DVI 1.0)
Specification Compliant1
D Pin-for-Pin Compatible With TFP501 for
Simple Upgrade Path to HDCP2
D True-Color, 24 Bit/Pixel, 16.7M Colors at
1 or 2-Pixels per Clock
D Laser Trimmed (50 Ω) Input Stage for
Optimum Fixed Impedance Matching
D Skew Tolerant up to One Pixel Clock Cycle
(High Clock and Data Jitter Tolerance)
D 4x Over-Sampling for Reduced Bit-Error
Rates and Better Performance Over Longer
Cables
D Reduced Power Consumption—1.8-V Core
Operation With 3.3 V I/Os and Supplies3
D Reduced Ground Bounce Using Time
Staggered Pixel Outputs
D Lowest Noise and Best Power Dissipation
Using PowerPAD™ Packaging
D Advanced Technology Using TI 0.18-μm
EPIC-5™ CMOS Process
D Supports Hot Plug Detection
description
The Texas Instruments TFP403 is a PanelBus™ flat panel display products, part of a comprehensive family of
end-to-end DVI 1.0 compliant solutions. Targeted primarily at desktop LCD monitors and digital projectors, the
TFP403 finds applications in any design requiring high-speed digital interface.
The TFP403 supports display resolutions up to 1080p and WUXGA in 24-bit true color pixel format. The TFP403
offers design flexibility to drive one or two pixels per clock, supports TFT or DSTN panels, and provides an option
for time staggered pixel outputs for reduced ground bounce.
PowerPAD advanced packaging technology results in best of class power dissipation, footprint, and ultralow
ground inductance.
The TFP403 combines PanelBus™ circuit innovation with TIs advanced 0.18-μm EPIC-5™ CMOS process
technology, along with PowerPAD™ package technology to achieve a reliable, low-powered, low-noise,
high-speed digital interface solution.
1.
The Digital Visual Interface Specification (DVI) is an industry standard developed by the Digital Display Working Group (DDWG) for
high-speed digital connection to digital displays. The TFP403 is compliant with the DVI Specification Rev. 1.0.
2.
High-bandwidth digital content protection (HDCP) is the system used for protecting DVI outputs from being copied. The TFP501 is
TI’s DVI receiver with HDCP functionality.
3.
The TFP403 has an internal voltage regulator that provides the 1.8-V core power supply from the externally supplied 3.3-V supplies.
Copyright © 2002 − 2011, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PanelBus, PowerPAD, and EPIC-5 are trademarks of Texas Instruments.


Similar Part No. - TFP403PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP403PZP TI1-TFP403PZP Datasheet
367Kb / 20P
Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
TFP403PZPG4 TI1-TFP403PZPG4 Datasheet
367Kb / 20P
Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
More results

Similar Description - TFP403PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
TFP513 TI-TFP513 Datasheet
424Kb / 29P
TI PANELBUS DIGITAL TRANSMITTER
TFP503 TI-TFP503 Datasheet
445Kb / 27P
PANELBUS HDCP DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
TI PanelBus??DIGITAL RECEIVER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
TFP410 TI PanelBus DIGITAL TRANSMITTER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
PanelBus Digital Receiver
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com