Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP403PZP.A Datasheet(PDF) 13 Page - Texas Instruments

Part # TFP403PZP.A
Description  TI PanelBus™ DIGITAL RECEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TFP403PZP.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TFP403PZP.A Datasheet HTML 9Page - Texas Instruments TFP403PZP.A Datasheet HTML 10Page - Texas Instruments TFP403PZP.A Datasheet HTML 11Page - Texas Instruments TFP403PZP.A Datasheet HTML 12Page - Texas Instruments TFP403PZP.A Datasheet HTML 13Page - Texas Instruments TFP403PZP.A Datasheet HTML 14Page - Texas Instruments TFP403PZP.A Datasheet HTML 15Page - Texas Instruments TFP403PZP.A Datasheet HTML 16Page - Texas Instruments TFP403PZP.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TFP403 TMDS input levels and input impedance matching (continued)
_
+
Internal
Termination at 50 Ω
AVDD
DVI Compliant Cable
DATA
DATA
TI TFP403
Receiver
DVI
Transmitter
Current
Source
Figure 12. TMDS Differential Input and Transmitter Connection
1/2 VID
AVCC
AVCC −1/2 VID
+ 1/2 VID
−1/2 VID
VID
a ) Single-Ended Input Signal
b) Differential Input Signal
Figure 13. TMDS Inputs
TFP403 modes of operation
The TFP403 provides systems design flexibility and value by providing the system designer with configurable
options or modes of operation to support varying system architectures. The following table outlines the various
panel modes that can be supported along with appropriate external control pin settings.
PANEL
PIXEL RATE
ODCK LATCH
EDGE
ODCK
DFO
PIXS
OCK_INV
TFT or 16-bit DSTN
1 pix/clock
Falling
Free run
0
0
0
TFT or 16-bit DSTN
1 pix/clock
Rising
Free run
0
0
1
TFT
2 pix/clock
Falling
Free run
0
1
0
TFT
2 pix/clock
Rising
Free run
0
1
1
24-bit DSTN
1 pix/clock
Falling
Gated low
1
0
0
NONE
1 pix/clock
Rising
Gated low
1
0
1
24-bit DSTN
2 pix/clock
Falling
Gated low
1
1
0
24-bit DSTN
2 pix/clock
Rising
Gated low
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com