Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD533 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD533
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD533 Datasheet(HTML) 2 Page - STMicroelectronics

  BD533 Datasheet HTML 1Page - STMicroelectronics BD533 Datasheet HTML 2Page - STMicroelectronics BD533 Datasheet HTML 3Page - STMicroelectronics BD533 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
2.5
70
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
for BD533/534
VCB =45 V
for BD535/536
VCB =60 V
for BD537/538
VCB =80 V
100
100
100
µA
µA
µA
ICES
Collect or Cut-off
Current (VBE =0)
for BD533/534
VCE =45 V
for BD535/536
VCE =60 V
for BD537/538
VCE = 80 V
100
100
100
µA
µA
µA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
1
mA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
(IB =0)
IC =100 mA
for BD533/534
for BD535/ 536
for BD537/ 538
45
60
80
V
V
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =2 A
IB =0.2 A
IC =6 A
IB = 0.6 A
0.8
0.8
V
V
VBE
Base-Emitt er Voltage
IC =2 A
VCE =2 V
1.5
V
hFE
DC Current G ain
IC =10 mA
VCE =5 V
for BD533/ 534
for BD535/ 536
for BD537/ 538
IC =500 mA
VCE =2 V
IC =2 A
VCE =2 V
for BD533/ 534
for BD535/ 536
for BD537/ 538
20
20
15
40
25
25
15
fT
Transit ion f requency
IC =500 mA
VCE =1 V
3
12
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP types voltage and current values are negative.
Safe Operating Areas
BD533/BD534/BD535/BD536/BD537/BD538
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com