Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D615BK. Datasheet(PDF) 1 Page - Multicomp Pro

Part # D615BK.
Description  D Series - Standard D Shells
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

D615BK. Datasheet(HTML) 1 Page - Multicomp Pro

  D615BK. Datasheet HTML 1Page - Multicomp Pro D615BK. Datasheet HTML 2Page - Multicomp Pro D615BK. Datasheet HTML 3Page - Multicomp Pro D615BK. Datasheet HTML 4Page - Multicomp Pro D615BK. Datasheet HTML 5Page - Multicomp Pro D615BK. Datasheet HTML 6Page - Multicomp Pro D615BK. Datasheet HTML 7Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
S. R
8/5/06
8/5/06
22/5/06
K. S
N. K
RELEASED
D Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2004.
TOLERANCES:
DRAWN BY:
S. Ram
K. Suresh
N. Kiwomya
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
D Series - Standard D Shells
209786_DWG
M10000228
08/05/06
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 6
DWG NO.
ELECTRONIC FILE
REV
A
08/05/06
A
DATE:
22/05/06
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Features:
•• Top or side knockout cable entry.
•• Two long finger jack screws (59mm).
•• Two short jack screws (13mm).
•• 4/40 UNC jack screw thread.
•• Side cable entry only suitable with short jack screws.
•• Flame retardant ABS.
•• Nickel plated steel screws and clamp.
•• Two countersunk fixing screws.
•• Wide cable clamp range.
•• Lip height = 1.0.
D 609
Dimensions : Millimetres
1


Similar Part No. - D615BK.

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D61 FREQUENCYDEVICES-D61 Datasheet
706Kb / 6P
4-Pole Filters
logo
Sanyo Semicon Device
D612K SANYO-D612K Datasheet
238Kb / 8P
25V/35V, 2A Low-Frequency Power Amp Applications?
logo
Frequency Devices, Inc.
D61H4B FREQUENCYDEVICES-D61H4B Datasheet
701Kb / 6P
32-Pin DIP 4 - Pole Filters
D61H4B FREQUENCYDEVICES-D61H4B Datasheet
706Kb / 6P
4-Pole Filters
D61H4B-0.05HZ FREQUENCYDEVICES-D61H4B-0.05HZ Datasheet
706Kb / 6P
4-Pole Filters
More results

Similar Description - D615BK.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDE-10D ETC1-MDE-10D Datasheet
75Kb / 1P
Standard D Series 10 mm Disc
MDE-5D180M ETC1-MDE-5D180M Datasheet
85Kb / 1P
Standard D Series 5 mm Disc
logo
FCI connector
8655MHRAXX01 FCI-CONNECTOR-8655MHRAXX01 Datasheet
453Kb / 3P
D-SUB METAL SHELLS
8655PHRAXX01 FCI-CONNECTOR-8655PHRAXX01 Datasheet
435Kb / 3P
D-SUB PLASTIC SHELLS
logo
CONEC Elektronische Bau...
320X12519X CONEC-320X12519X Datasheet
101Kb / 1P
D-SUB Standard
logo
ITT Industries
DC-37S-F179A-A197 ITT-DC-37S-F179A-A197 Datasheet
35Kb / 1P
Standard D-Subminiature
logo
FCI connector
86303641BLF FCI-CONNECTOR-86303641BLF Datasheet
309Kb / 3P
D-SUB PLASTIC SHELLS
8655MHRA1501LF FCI-CONNECTOR-8655MHRA1501LF Datasheet
340Kb / 3P
d-sub metal shells
logo
List of Unclassifed Man...
09670095654 ETC2-09670095654 Datasheet
2Mb / 38P
Standard subminiature D connectors
logo
ITT Industries
DA15SF179 ITT-DA15SF179 Datasheet
34Kb / 1P
Standard D-Subminiature
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com