Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124X Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC124X
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124X Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC124X Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Nexperia
PDTC143X/123J/143Z/114Y/124XQB-Q
series
50 V, 100 mA NPN resistor-equipped transistors
10. Characteristics
Table 8. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A
50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = 2 mA; IB = 0 A
50
-
-
V
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A
-
-
100
nA
VCE = 30 V; IB = 0 A
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB = 0 A; Tj = 150 °C
-
-
5
µA
emitter-base cut-off current
PDTC143XQB-Q
-
-
600
µA
PDTC123JQB-Q
-
-
180
µA
PDTC143ZQB-Q
-
-
170
µA
PDTC114YQB-Q
-
-
150
µA
IEBO
PDTC124XQB-Q
VEB = 5 V; IC = 0 A
-
-
120
µA
DC current gain
PDTC143XQB-Q
50
-
-
PDTC123JQB-Q
100
-
-
PDTC143ZQB-Q
VCE = 5 V; IC = 10 mA
100
-
-
PDTC114YQB-Q
100
-
-
hFE
PDTC124XQB-Q
VCE = 5 V; IC = 5 mA
80
-
-
collector-emitter saturation voltage
PDTC143XQB-Q
IC = 10 mA; IB = 0.5 mA
-
-
100
mV
PDTC123JQB-Q
-
-
100
mV
PDTC143ZQB-Q
-
-
100
mV
PDTC114YQB-Q
IC = 5 mA; IB = 0.25 mA
-
-
100
mV
VCEsat
PDTC124XQB-Q
IC = 10 mA; IB = 0.5 mA
-
-
100
mV
off-state input voltage
PDTC143XQB-Q
-
0.8
0.3
V
PDTC123JQB-Q
-
0.6
0.5
V
PDTC143ZQB-Q
-
0.6
0.5
V
PDTC114YQB-Q
-
0.7
0.5
V
VI(off)
PDTC124XQB-Q
VCE = 5 V ; IC = 100 µA
-
0.8
0.5
V
on-state input voltage
PDTC143XQB-Q
VCE = 0.3 V ; IC = 20 mA
2.5
1.5
-
V
PDTC123JQB-Q
VCE = 0.3 V ; IC = 5 mA
1.1
0.75
-
V
PDTC143ZQB-Q
VCE = 0.3 V ; IC = 5 mA
1.3
0.9
-
V
PDTC114YQB-Q
VCE = 0.3 V ; IC = 1 mA
1.4
0.8
-
V
VI(on)
PDTC124XQB-Q
VCE = 0.3 V ; IC = 2 mA
2.0
1.1
-
V
PDTC143X_TO_124XQB-Q_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
5 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com