Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC35VB80 Datasheet(PDF) 1 Page - Multicomp Pro

Part # SC35VB80
Description  Glass Passivated 3 Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SC35VB80 Datasheet(HTML) 1 Page - Multicomp Pro

  SC35VB80 Datasheet HTML 1Page - Multicomp Pro SC35VB80 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
23/09/19
Glass Passivated
3 Phase Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Surge overload - 350 amperes peak
• Low forward voltage drop
• Mounting position : Any
• Weight : 45g
Maximum Ratings And Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Characteristics
Symbol
Values
Unit
Maximum Recurrent Peak Reverse Voltage
Vrrm
800
V
Maximum RMS Bridge Input Voltage
Vrms
560
Maximum Average Forward
Rectified Output Current @ Tc = 55°C
I(AV)
35
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Ifsm
350
A
Current Squared time (1ms<t<10ms)
I2t
508
A2S
Dielectric Strength
VdIs
2000
V
Mounting Torque
TOr
0.8
N.m
Maximum Forward Voltage Drop Per Element
at 17.5 A Peak
Vf
1.05
V
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element @ Ta=25°C
Ir
10
μA
Typical Thermal Resistance (Note1)
rθJc
Max: 0.7
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TsTg
Notes: 1. Thermal Resistance Junction to case.
2. The typical data above is for reference only
Rating and Characteristic Curves


Similar Part No. - SC35VB80

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SC35VB80-G COMCHIP-SC35VB80-G Datasheet
106Kb / 3P
Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
Glass Passivated Bridge Rectifiers
More results

Similar Description - SC35VB80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SGBJ50 HY-SGBJ50 Datasheet
371Kb / 3P
Glass Passivated 3 Phase Bridge Rectifier
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com