Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT1 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF85263ATT1
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF85263ATT1 Datasheet HTML 40Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 41Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 42Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 43Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 44Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 45Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 46Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 47Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
44 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.11 Battery switch register
This register configures the battery switch-over mode.
Associated with the battery switch-over is the battery switch flag (BSF) in the Flags
register (Section 8.14 on page 57). Whenever the IC switches to battery operation, the
flag is set. The flag can only be read when operating from VDD power, however an
interrupt pulse or static LOW signal can be generated whenever switching to battery. An
interrupt pulse can also be generated when switching back to VDD power. Examples are
given in Figure 24 and Figure 25.
When switched to battery, the VDD power domain is disabled. This means that I2C pins are
ignored, CLK output is disabled and Hi-Z, TS pin output mode is disabled and Hi-Z, TS
digital input is ignored and may be left floating. TS pin mechanical switch detector is
active. INTA output is still active
for interrupt output and battery switch indication, but 
disabled for clock output.
8.11.1 BSOFF: battery switch on/off control
[1]
Default value.
The battery switch circuit may be disabled when not used. This disables all the circuit and
save power consumption. When disabled connect VBAT and VDD together.
Table 36.
IO pin behavior in battery mode
IO pin (mode)
VDD operation
VBAT operation
SCL
active input
disabled; may be left floating
SDA
active input/output
disabled; may be left floating
CLK
active output
disabled; Hi-Z
TS (output mode)
active output
disabled; Hi-Z
TS (digital input)
active input
disabled; may be left floating
TS (mechanical switch input)
active input
active input
INTA
active output
active interrupt output
Table 37.
Battery_switch - battery switch control (address 26h) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
BSOFF
BSRR
BSM[1:0]
BSTH
Section
--
-
Section 8.11.1
Section 8.11.2
Section 8.11.3
Section 8.11.4
Table 38.
BSOFF bit - battery switch control (address 26h) bit description
Bit
Symbol
Value
Description
4
BSOFF
battery switch on/off
0[1]
enable battery switch feature
1
disable battery switch feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com