Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/A Datasheet(PDF) 92 Page - NXP Semiconductors

Part # PCF85263ATL/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/A Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button PCF85263ATL/A Datasheet HTML 88Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 89Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 90Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 91Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 92Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 93Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 94Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 95Page - NXP Semiconductors PCF85263ATL/A Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
92 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
24. Abbreviations
25. References
[1]
AN10365 — Surface mount reflow soldering description
[2]
AN10366 — HVQFN application information
[3]
IEC 60134 — Rating systems for electronic tubes and valves and analogous
semiconductor devices
[4]
IEC 61340-5 — Protection of electronic devices from electrostatic phenomena
[5]
IPC/JEDEC J-STD-020 — Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices
[6]
JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM)
[7]
JESD22-C101 — Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components
[8]
JESD78 — IC Latch-Up Test
[9]
JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices
[10] SOT96-1_118 — SO8; Reel pack; SMD, 13", packing information
[11] SOT505-1_118 — TSSOP8; Reel pack; SMD, 13", packing information
[12] SOT552-1_118 — TSSOP10; Reel pack; SMD, 13", packing information
[13] SOT1197-1_115 — DFN2626-10; Reel pack; SMD, 7", packing information
[14] UM10204 — I2C-bus specification and user manual
[15] UM10569 — Store and transport requirements
Table 73.
Abbreviations
Acronym
Description
BCD
Binary Coded Decimal
CMOS
Complementary Metal Oxide Semiconductor
ESD
ElectroStatic Discharge
HBM
Human Body Model
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
LSB
Least Significant Bit
MSB
Most Significant Bit
MSL
Moisture Sensitivity Level
PCB
Printed-Circuit Board
POR
Power-On Reset
RTC
Real-Time Clock
SCL
Serial CLock line
SDA
Serial DAta line
SMD
Surface Mount Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com