Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT/A Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF85263ATT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT/A Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF85263ATT/A Datasheet HTML 22Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 23Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 24Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 25Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 26Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 27Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 28Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 29Page - NXP Semiconductors PCF85263ATT/A Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
26 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
The assertion of flags A1F or A2F can be used to generate an interrupt at the pins INTA
and INTB. The interrupt may be generated as a pulse signal every time the time
increments to match the alarm setting or as a permanently active signal which follows the
condition of bit A1F and/or A2F. See Section 8.9 on page 38 for interrupt control.
A1F and A2F remain set until cleared by command. Once an alarm flag has been cleared,
it will only be set again when the time increments to match the alarm condition once more.
When an interrupt pin is configured to pulse mode and if an alarm flag is not cleared and
the time increments to match the alarm condition again, then a repeated interrupt pulse
will be generated.
8.5 WatchDog
[1]
Default value.
8.5.1 WatchDog functions
The WatchDog has four selectable step sizes allowing for periods in the range from
62.5 ms to 124 seconds. For periods greater than 2 minutes, the alarm function can be
used.
(1)
[1]
Time periods can be affected by correction pulses.
Table 17.
WatchDog - WatchDog control and register (address 2Dh) bit description
Bit
Symbol
Value
Description
7WDM
WatchDog mode
0[1]
single shot
1
repeat mode
6 to 2
WDR[4:0]
WatchDog register bits
0h[1] to 1Fh
Write: WatchDog counter load value
0h to 1Fh
Read: current counter value
1 to 0
WDS[1:0]
WatchDog step size (source clock)
00[1]
4 seconds (0.25 Hz)
01
1 second (1 Hz)
10
1⁄4 second (4 Hz)
11
1⁄16 second (16 Hz)
Table 18.
WatchDog durations
WDS[1:0] WatchDog step
size[1]
Delay
Minimum WatchDog duration
WDR = 1
Maximum WatchDog duration
WDR = 31
00
4 s
4 s
124 s
01
1 s
1 s
31 s
10
1⁄4 s
0.25 s
7.75 s
11
1⁄16 s
0.0625 s
1.9375 s
WatchDog-duration
WDR
stepsize
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com