Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF21 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SF21
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SF21 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SF21 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SF21 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF21 THRU SF27
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr
1cm
50
100
NONINDUCTIVE
NONINDUCTIVE
DUT
PULSE
GENERATOR
(NOTE 2 )
OSCILLOSCOPE
(NOTE 2 )
NONINDUCTIVE
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22p
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-0.5A
0
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5m m)
LEAD LENGTH
3.0
2.5
1.5
0
25 50 75 100125 150 175
FIG . 2 -MAXIMUM AVERAGE FORWARD
CURRENT DERATING
O
AMBIENT TEMPERATURE . ( C)
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE .(% )
0
20
40
60
80
100
120
1000
100
10
1
.1
O
Tj=100 C
O
Tj=25 C
FIG . 4 -TYPICAL REVERSE CHARACTERISTICS
SF
25-
SF
SF
27
o
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
100.0
10.0
1.0
0.1
.01
FORWARD VOLTAGE .( V )
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE . ( V)
2.0
1.0
0.5
21
24
FIG . 5 - MAXIMUM NON- REPETITIVE FORWARD SUREG
CURRENT
FIG . 6 - TYPICAL JUNCTION CAPACITANCE
.1
.5
1 2
5
10 20 50 100 200 500 1000
Tj=25 OC
SF
-SF
21
24
SF
25
26
SF
25
SF
-SF
25
27
150
125
100
75
50
25
0
60
50
40
30
20
10
01
2
5
10
20
50
100
8.3ms Single Half Sine
Wave JEDEC Method



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com