Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE01005 Datasheet(PDF) 1 Page - pro-elec

Part # PE01005
Description  Worklight 28 LED With Magnet 3 × AA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

PE01005 Datasheet(HTML) 1 Page - pro-elec

  PE01005 Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.farnell.com
www.cpc.co.uk
Page <1>
V1.0
24/05/17
Worklight 28 LED
With Magnet 3
× AA
Specifications:
LED
: 20 LED on body and 4 LED on head
Lumen
: 80 lumen on body and about 16 lumen on head
Life Span of LED
: 1,00,000 hours
Mcd
: 13,000-1,50,000 mcd
Material
: ABS
Product Size
: 232mm × 50mm × 22mm
Weight
: 93g
Battery
: Use 3 × AA battery (not include)
Function
: Two switch control light of different LED
Part Number Table
Description
Part Number
Worklight 28 LED With Magnet 3 × AA
PE01005
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-ELEC is the registered trademark of the Group. © Premier Farnell Limited 2016.


Similar Part No. - PE01005

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PE01005 POLYMAKER-PE01005 Datasheet
142Kb / 2P
PolyLite™ ABS
Nov. 2018 Version 4.0
More results

Similar Description - PE01005

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-88ARX1-FS-LG ADAM-TECH-MTJ-88ARX1-FS-LG Datasheet
112Kb / 1P
TELEPHONE JACKS WITH LEDs LED JACKS, TYPE AA, AR & D
logo
List of Unclassifed Man...
12BH331B-GR ETC2-12BH331B-GR Datasheet
91Kb / 1P
3 AA Battery Holder with Snaps
12BH331C-GR ETC2-12BH331C-GR Datasheet
147Kb / 1P
3 AA Battery Holders
12BH331D-GR ETC2-12BH331D-GR Datasheet
89Kb / 1P
3 AA Battery Holder with Solder Lugs
12BH331P-GR ETC2-12BH331P-GR Datasheet
161Kb / 1P
3 AA Battery Holder with PCB Pins
12BH331-R-GR ETC2-12BH331-R-GR Datasheet
90Kb / 1P
3 AA Battery Holder with Leads and Ribbon
logo
OptoSupply Internationa...
OSALMXXX OPTOSUPPLY-OSALMXXX Datasheet
157Kb / 3P
Anylight with Magnet
logo
Energizer
EVLLM21SH ENERGIZER-EVLLM21SH Datasheet
129Kb / 1P
2AA LED Long Life with Magnet
logo
SparkFun Electronics
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
logo
Belden Inc.
8054 BELDEN-8054 Datasheet
219Kb / 2P
Magnet Wire, #28 Sol BC, PUR/NYL Ins
05-05-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com