Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7374IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # THS7374IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7374IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7374IPWR Datasheet HTML 9Page - Texas Instruments THS7374IPWR Datasheet HTML 10Page - Texas Instruments THS7374IPWR Datasheet HTML 11Page - Texas Instruments THS7374IPWR Datasheet HTML 12Page - Texas Instruments THS7374IPWR Datasheet HTML 13Page - Texas Instruments THS7374IPWR Datasheet HTML 14Page - Texas Instruments THS7374IPWR Datasheet HTML 15Page - Texas Instruments THS7374IPWR Datasheet HTML 16Page - Texas Instruments THS7374IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-
-
-
-
-
-
-
-
-
1st
2nd
3rd
4th
5th
6th
V
=3.3V
FilterMode
AC-CoupledOutput
S+
PAL
NTSC
-40
50
60
70
80
90
100
-
-
-
-
-
-
1
4
Frequency(MHz)
2
3
2V
HD3
-
PP
2V
HD2
-
PP
1V
HD3
-
PP
1V
HD2
-
PP
0.5V
HD3
-
PP
0.5V
HD2
-
PP
V
=3.3V
FilterMode
R =150
||10pF
AC-CoupledOutput
S+
L
W
0.60
0.50
0.40
0.30
0.20
0.10
0
1st
2nd
3rd
4th
5th
6th
V
=3.3V
FilterMode
AC-CoupledOutput
S+
PAL
NTSC
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-
-
-
-
-
-
-
-
1st
2nd
3rd
4th
5th
6th
V
=3.3V
FilterMode
DC-CoupledOutput
S+
PAL
NTSC
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1st
2nd
3rd
4th
5th
6th
V
=3.3V
FilterMode
DC-CoupledOutput
S+
PAL
NTSC
100
10
1
0.1
0.01
100k
1M
10M
100M
1G
Frequency(Hz)
V =+3.3V
S
BypassMode
FilterMode
THS7374
www.ti.com
SLOS590B – JULY 2008 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS: VS+ = 3.3 V (continued)
RL = 150 Ω to GND and dc-coupled input and output, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
DIFFERENTIAL GAIN
Figure 24.
Figure 25.
DIFFERENTIAL PHASE
DIFFERENTIAL GAIN
Figure 26.
Figure 27.
DIFFERENTIAL PHASE
OUTPUT IMPEDANCE vs FREQUENCY
Figure 28.
Figure 29.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS7374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com