Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7759CPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TL7759CPWR
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7759CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TL7759CPWR Datasheet HTML 1Page - Texas Instruments TL7759CPWR Datasheet HTML 2Page - Texas Instruments TL7759CPWR Datasheet HTML 3Page - Texas Instruments TL7759CPWR Datasheet HTML 4Page - Texas Instruments TL7759CPWR Datasheet HTML 5Page - Texas Instruments TL7759CPWR Datasheet HTML 6Page - Texas Instruments TL7759CPWR Datasheet HTML 7Page - Texas Instruments TL7759CPWR Datasheet HTML 8Page - Texas Instruments TL7759CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TL7759
SUPPLY-VOLTAGE SUPERVISORS
SLVS042D – JANUARY 1991 – REVISED JULY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TL7759Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
RESET
VCC = 4.3 V,
IOL = 24 mA
0.4
V
VIT–
Input threshold voltage (negative-going VCC)
4.55
V
Vres†
Power-up reset voltage
RL = 2.2 kΩ
0.8
V
Vhys‡
Hysteresis at VCC input
50
mV
ICC
Supply current
VCC = 4.3 V,
No load
1400
µA
† This is the lowest voltage at which RESET becomes active, VCC slew rate ≤ 5 V/µs.
‡ This is the difference between positive-going input threshold voltage, VIT+, and negative-going input threshold voltage, VIT–.
timing diagram
VIT –
0
RESET
0
Vres
VCC
VIT+
Output Undefined
for VCC Less Than 1 V
Output Undefined
VIT+
VIT–
Vres
switching characteristics at TA = 25°C (unless otherwise noted)
PARAMETER
FROM
TO
TEST CONDITIONS
TL7759C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation delay time, low-to high-level output
VCC
RESET
See Figures 2 and 3§
5
µs
tPHL
Propagation delay time, high-to low-level output
VCC
RESET
See Figures 2 and 4
5
µs
tr
Rise time
RESET
See Figures 2 and 4§
1
µs
tf
Fall time
RESET
See Figures 2 and 4
1
µs
tw(min)
Minimum pulse duration
VCC
RESET
See Figures 2 and 4
5
µs
§ VCC slew rate ≤ 5 V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com