Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK1501IRCPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLK1501IRCPR
Description  0.6 TO 1.5 GBPS TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK1501IRCPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLK1501IRCPR Datasheet HTML 18Page - Texas Instruments TLK1501IRCPR Datasheet HTML 19Page - Texas Instruments TLK1501IRCPR Datasheet HTML 20Page - Texas Instruments TLK1501IRCPR Datasheet HTML 21Page - Texas Instruments TLK1501IRCPR Datasheet HTML 22Page - Texas Instruments TLK1501IRCPR Datasheet HTML 23Page - Texas Instruments TLK1501IRCPR Datasheet HTML 24Page - Texas Instruments TLK1501IRCPR Datasheet HTML 25Page - Texas Instruments TLK1501IRCPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TLK1501
0.6 TO 1.5 GBPS TRANSCEIVER
SLLS428F − JUNE 2000 − REVISED JANUARY 2004
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
_
+
RXP
RXN
Rt
TXN
Rt
V(term)
TXP
Data
Data
Preemphasis = 21 mA
(See Note A)
De-Emphasis = 19 mA
TRANSMITTER
MEDIA
RECEIVER
V(term)
V(term) = VDD
Transmission Line
Transmission Line
NOTE A: This assumes RREF = 200
Ω and termination resistance = 50 Ω. See Figure 14 and section choosing RREF resistor values for more
information.
Figure 15. High-Speed I/O Directly-Coupled Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com