Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IP Datasheet(PDF) 34 Page - Texas Instruments

Part # TLV2341IP
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2341IP Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLV2341IP Datasheet HTML 30Page - Texas Instruments TLV2341IP Datasheet HTML 31Page - Texas Instruments TLV2341IP Datasheet HTML 32Page - Texas Instruments TLV2341IP Datasheet HTML 33Page - Texas Instruments TLV2341IP Datasheet HTML 34Page - Texas Instruments TLV2341IP Datasheet HTML 35Page - Texas Instruments TLV2341IP Datasheet HTML 36Page - Texas Instruments TLV2341IP Datasheet HTML 37Page - Texas Instruments TLV2341IP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (LOW-BIAS MODE)
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
62, 63
αVIO
Input offset voltage temperature coefficient
Distribution
64, 65
vs Output current
66
VOH
High-level output voltage
vs Supply voltage
67
OH
gg
g
vs Temperature
68
vs Common-mode input voltage
69
VOL
Low level output voltage
vs Common mode in ut voltage
vs Temperature
69
70, 72
VOL
Low-level output voltage
vs Differential input voltage
,
71
vs Low-level output current
73
vs Supply voltage
74
AVD
Large-signal differential voltage amplification
yg
vs Temperature
75
VD
gg
g
vs Frequency
86, 87
IIB
Input bias current
vs Temperature
76
IIO
Input offset current
vs Temperature
76
VIC
Common-mode input voltage
vs Supply voltage
77
IDD
Supply current
vs Supply voltage
78
IDD
Supply current
yg
vs Temperature
79
SR
Slew rate
vs Supply voltage
80
SR
Slew rate
yg
vs Temperature
81
Bias select current
vs Supply current
82
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
83
B1
Unity gain bandwidth
vs Temperature
84
B1
Unity-gain bandwidth
vs Supply voltage
85
vs Supply voltage
88
φm
Phase margin
yg
vs Temperature
89
φm
g
vs Load capacitance
90
Vn
Equivalent input noise voltage
vs Frequency
91
Phase shift
vs Frequency
86, 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com