Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2721CDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2721CDBVT
Description  Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2721CDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2721CDBVT Datasheet HTML 18Page - Texas Instruments TLV2721CDBVT Datasheet HTML 19Page - Texas Instruments TLV2721CDBVT Datasheet HTML 20Page - Texas Instruments TLV2721CDBVT Datasheet HTML 21Page - Texas Instruments TLV2721CDBVT Datasheet HTML 22Page - Texas Instruments TLV2721CDBVT Datasheet HTML 23Page - Texas Instruments TLV2721CDBVT Datasheet HTML 24Page - Texas Instruments TLV2721CDBVT Datasheet HTML 25Page - Texas Instruments TLV2721CDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TLV2721, TLV2721Y
Advanced LinCMOS RAILTORAIL
VERY LOW POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS197A − AUGUST1997 − REVISED MARCH 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 43
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE†
vs
FREQUENCY
10 1
10 2
10 3
10 4
120
VDD = 3 V
RS = 20 Ω
TA = 25°C
100
80
60
40
20
0
Figure 44
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE†
vs
FREQUENCY
VDD = 5 V
RS = 20 Ω
TA = 25°C
101
10 2
10 3
10 4
120
100
80
60
40
20
0
Figure 45
t − Time − s
INPUT NOISE VOLTAGE OVER
A 10-SECOND PERIOD†
02
4
6
750
1000
810
500
− 250
− 500
− 750
− 1000
250
VDD = 5 V
f = 0.1 Hz to 10 Hz
TA = 25°C
0
Figure 46
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE†
vs
FREQUENCY
101
10 2
10 3
10 4
10 5
0.1
10
0.01
1
AV = 1
AV = 10
AV = 1
AV = 10
VDD = 5 V
TA = 25°C
RL = 2 kΩ Tied to 2.5 V
RL = 2 kΩ Tied to 0 V
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com