Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBI6650 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI6650
Description  1.2A DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBI6650 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MBI6650 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI6650 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MBI6650
1.2A DC/DC Converter
October 2007, V1.00
- 7 -
5. Miscellaneous
0
50
100
150
200
250
300
350
400
0
1020
3040
50
60
708090
100
Duty Cycle (%)
fDIM=100Hz
fDIM=300Hz
fDIM=500Hz
fDIM=700Hz
fDIM=1000Hz
0
5
10
15
20
25
30
35
40
01
2
3
4
5
6
7
8
9
10
Duty Cycle (%)
fDIM=100Hz
fDIM=300Hz
fDIM=500Hz
fDIM=700Hz
fDIM=1000Hz
Figure 22. Output current vs. DIM duty cycle @ 1-LED,
Figure 23. Output current vs. DIM duty cycle @ 1-LED,
IOUT=350mA
IOUT=350mA
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
9
12
151821
2427
30
3336
Input Voltage (V)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
9
1215
1821
2427
3033
36
Input Voltage (V)
Figure 24. Rds (on) vs. VIN
Figure 25. Quiescent current vs.
VIN
0.60
0.65
0.70
0.75
0.80
0.85
0.90
9
12
151821
2427
30
3336
Input Voltage (V)
VIN=12V, Iout=350mA
335
340
345
350
355
360
365
-40
-15
10
35
60
85
Temperature (℃)
Figure 26. Shutdown current vs.
VIN
Figure 27. Output current vs. temperature
VIN=12V, Iout=350mA
0.275
0.28
0.285
0.29
0.295
0.3
0.305
0.31
0.315
0.32
0.325
-40
-15
10
35
60
85
Temperature (℃)
Figure 28. VSEN vs. temperature
Figure 29. Start-up waveform @ VOUT=7.2V, IOUT=350mA
Figure 30. Switching waveform @ VOUT=3.6V,
IOUT=350mA
VSW
IOUT
VIN
VSW
VSEN (Attenuation Ratio: 1/20)
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com