Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37460 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 37460
Description  steel or stainless steel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

37460 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  37460 Datasheet HTML 1Page - Wixroyd Group Ltd 37460 Datasheet HTML 2Page - Wixroyd Group Ltd 37460 Datasheet HTML 3Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
steel or stainless steel
Thumb Knob
Thumb Screws
Order No.
Edge finish
Finish
d
1
d
2
d
3
h
1
h
2
t
min.
Weight
g
37460.W0242
Knurled
Steel
21
M 4
12.5
18.0
10.5
10
26
37460.W0042
Knurled
Stainless
21
M 4
12.5
18.0
10.5
10
26
37460.W0252
Knurled
Steel
21
M 5
12.5
18.0
10.5
10
25
37460.W0052
Knurled
Stainless
21
M 5
12.5
18.0
10.5
10
25
37460.W0264
Knurled
Steel
25
M 6
14.5
22.5
14.0
12
42
37460.W0064
Knurled
Stainless
25
M 6
14.5
22.5
14.0
12
42
37460.W0284
Knurled
Steel
25
M 8
14.5
22.5
14.0
12
39
37460.W0084
Knurled
Stainless
25
M 8
14.5
22.5
14.0
12
39
37460.W0288
Knurled
Steel
31
M 8
18.5
27.0
17.0
15
75
37460.W0088
Knurled
Stainless
31
M 8
18.5
27.0
17.0
15
75
37460.W0308
Knurled
Steel
31
M10
18.5
27.0
17.0
17
70
37460.W0108
Knurled
Stainless
31
M10
18.5
27.0
17.0
17
70
37460.W0642
Smooth
Steel
21
M 4
12.5
18.0
10.5
10
26
37460.W0542
Smooth
Stainless
21
M 4
12.5
18.0
10.5
10
26
37460.W0752
Smooth
Steel
21
M 5
12.5
18.0
10.5
10
25
37460.W0552
Smooth
Stainless
21
M 5
12.5
18.0
10.5
10
25
37460.W0764
Smooth
Steel
25
M 6
14.5
22.5
14.0
12
42
37460.W0564
Smooth
Stainless
25
M 6
14.5
22.5
14.0
12
42
37460.W0784
Smooth
Steel
25
M 8
14.5
22.5
14.0
12
39
37460.W0584
Smooth
Stainless
25
M 8
14.5
22.5
14.0
12
39
37460.W0788
Smooth
Steel
31
M 8
18.5
27.0
17.0
15
75
37460.W0588
Smooth
Stainless
31
M 8
18.5
27.0
17.0
15
75
37460.W0808
Smooth
Steel
31
M10
18.5
27.0
17.0
17
70
37460.W0608
Smooth
Stainless
31
M10
18.5
27.0
17.0
17
70
37460
0333 207 4497
sales@wixroyd.com
1
Material
Steel, blackened.
Stainless steel 1.4305 (AISI 303),
Matte finish.
Important Notes
Stainless steel knobs are used in applica­
tions where a push or pull movement is
required.


Similar Part No. - 37460

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374603 ERNI-374603 Datasheet
79Kb / 1P
Messerleiste R 96 THR Clip
374604 ERNI-374604 Datasheet
77Kb / 1P
Messerleiste R 96 THR
374605 ERNI-374605 Datasheet
64Kb / 1P
Messerleiste R 64 THR
374606 ERNI-374606 Datasheet
67Kb / 1P
Messerleiste R 64 THR Clip
More results

Similar Description - 37460

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
154BC TEC-154BC Datasheet
182Kb / 5P
316L Stainless Steel or Titanium
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com