Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F652NAM Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM78F652NAM
Description  8-Bit Microcontroller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F652NAM Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM78F652NAM Datasheet HTML 1Page - ELAN Microelectronics Corp EM78F652NAM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78F652NAM Datasheet HTML 3Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EM78F652N
8-Bit Microcontroller
2
•
Product Specification (V1.2) 08.01.2006
(This specification is subject to change without further notice)
Three bidirectional I/O ports
8-level stacks for subroutine nesting
8-bit real time clock/counter (TCC) with selective signal sources, trigger edges,
and overflow interrupt
2/4/8/16 clocks per instruction cycle selected by code option
Power down (Sleep) mode
Ten available interrupts:
• Internal interrupt: 6
• External interrupt: 4
Programmable free running watchdog timer
4 channels Analog-to-Digital Converter with 12-bit resolution
One set of 2 orders OP Amplifier
One 16-bit Timer/Counter
• TC2: Timer/Counter/Window
One 8-bit Timer/Counter
• TC3: Timer/Counter/PDO (programmable divider output) / PWM (pulse width
modulation)
Serial transmitter/receiver interface
• Serial Peripheral Interface (SPI): Three-wire synchronous communication
Eight programmable pull-high pins
12 programmable pull-down pins
Four programmable open-drain pins
Package type:
• 20-pin DIP
:
EM78F652NAP
• 20-pin SOP
:
EM78F652NAM
• 18-pin DIP
:
EM78F652NBP
• 18-pin SOP
:
EM78F652NBM
• 16-pin DIP
:
EM78F652NCP
• 16-pin SOP
:
EM78F652NCM
99.9% Single instruction cycle commands



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com