Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1756433 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756433
Description  UNIFOX-LM VDE - Combination pliers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756433 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756433 Datasheet HTML 1Page - PHOENIX CONTACT 1756433 Datasheet HTML 2Page - PHOENIX CONTACT 1756433 Datasheet HTML 3Page - PHOENIX CONTACT 1756433 Datasheet HTML 4Page - PHOENIX CONTACT 1756433 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Combination pliers, notched gripping surface, crimping mandrel for non-insulated cable lugs,
VDE tested
Commercial data
Item number
1756433
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BH31
Product key
BH3161
GTIN
4067923323575
Weight per piece (including packing)
411 g
Weight per piece (excluding packing)
411 g
Customs tariff number
82032000
Country of origin
DE
UNIFOX-LM VDE - Combination pliers
1756433
https://www.phoenixcontact.com/us/products/1756433
Aug 25, 2025, 6:21AM
Page 1 (5)


Similar Part No. - 1756433

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
175643 MACOM-175643 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
logo
PHOENIX CONTACT
1756434 PHOENIX-1756434 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/11-ST BK
More results

Similar Description - 1756433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
1212202 PHOENIX-1212202 Datasheet
47Kb / 3P
Tool - UNIFOX-C VDE
1212203 PHOENIX-1212203 Datasheet
51Kb / 2P
Tool - UNIFOX-CE VDE
1212204 PHOENIX-1212204 Datasheet
50Kb / 2P
Tool - UNIFOX-P VDE
1212205 PHOENIX-1212205 Datasheet
47Kb / 3P
Tool - UNIFOX-PC VDE
1212363 PHOENIX-1212363 Datasheet
52Kb / 2P
Tool - UNIFOX-F VDE
1212364 PHOENIX-1212364 Datasheet
48Kb / 3P
Tool - UNIFOX-R VDE
1212529 PHOENIX-1212529 Datasheet
48Kb / 2P
Pointed pliers - UNIFOX-PE VDE
1212818 PHOENIX-1212818 Datasheet
54Kb / 2P
Pointed pliers - UNIFOX-PE VDE_DB
1212834 PHOENIX-1212834 Datasheet
53Kb / 2P
Tool - UNIFOX-C VDE M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com