Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD912 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD912
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD912 Datasheet(HTML) 1 Page - STMicroelectronics

  BD912 Datasheet HTML 1Page - STMicroelectronics BD912 Datasheet HTML 2Page - STMicroelectronics BD912 Datasheet HTML 3Page - STMicroelectronics BD912 Datasheet HTML 4Page - STMicroelectronics BD912 Datasheet HTML 5Page - STMicroelectronics BD912 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BD909/911
BD910/912
COMPLEMENTARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
DESCRIPTION
The BD909 and BD911 are silicon Epitaxial-Base
NPN power transistors mounted in Jedec TO-220
plastic package. They are intented for use in
power linear and switching applications.
The complementary PNP types are BD910 and
BD912 respectively.
INTERNAL SCHEMATIC DIAGRAM
October 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Un it
NPN
BD909
BD911
PNP
BD910
BD912
VCBO
Collector-Base Voltage (IE = 0)
80
100
V
VCEO
Collector-Emitter Voltage (IB = 0)
80
100
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IE,IC
Collector Current
15
A
IB
Base Current
5
A
Ptot
T otal Dissipation at Tc
≤ 25 oC
90
W
Tstg
Storage Temperat ure
-65 t o 150
o C
Tj
Max. Operating Junction Temperature
150
o C
For PNP types voltage and current values are negative.
1
2
3
TO-220
®
1/6


Similar Part No. - BD912

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD912 MOSPEC-BD912 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD912 BOCA-BD912 Datasheet
149Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BD912 SAVANTIC-BD912 Datasheet
148Kb / 5P
Silicon PNP Power Transistors
logo
Rectron Semiconductor
BD912 RECTRON-BD912 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Quanzhou Jinmei Electro...
BD912 JMNIC-BD912 Datasheet
98Kb / 5P
Silicon PNP Power Transistors
More results

Similar Description - BD912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com