Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3999 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3999
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3999_03 Datasheet HTML 7Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 8Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 9Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 10Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 11Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 12Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 13Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 14Page - National Semiconductor (TI) LP3999_03 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Hints (Continued)
The types of capacitors best suited for the noise bypass
capacitor are ceramic and film. High quality ceramic capaci-
tors with NPO or COG dielectric typically have very low
leakage. Polypropolene and polycarbonate film capacitors
are available in small surface-mount packages and typically
have extremely low leakage current.
Unlike many other LDO’s, the addition of a noise reduction
capacitor does not effect the transient response of the de-
vice.
ENABLE OPERATION
The LP3999 may be switched ON or OFF by a logic input at
the ENABLE pin, V
EN. A high voltage at this pin will turn the
device on. When the enable pin is low, the regulator output is
off and the device typically consumes 3 nA. If the application
does not require the shutdown feature, the V
EN pin should
be tied to V
IN to keep the regulator output permanently on.
To ensure proper operation, the signal source used to drive
the V
EN input must be able to swing above and below the
specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under V
IL and VIH.
FAST TURN ON
Fast turn-on is guaranteed by control circuitry within the
reference block allowing a very fast ramp of the output
voltage to reach the target voltage. There is no active turn-off
on this device. Refer to LP3995 for a similar device with
active turn-off.
micro SMD MOUNTING
The micro SMD package requires specific mounting tech-
niques which are detailed in National Semiconductor Appli-
cation Note AN-1112.
Referring to the section Surface Mount Technology (SMT)
Assembly Considerations, it should be noted that the pad
style which must be used with the 5 pin package is NSMD
(non-solder mask defined) type.
For best results during assembly, alignment ordinals on the
PC board may be used to facilitate placement of the micro
SMD device.
micro SMD LIGHT SENSITIVITY
Exposing the micro SMD device to direct sunlight will cause
incorrect operation of the device. Light sources such as
halogen lamps can affect electrical performance if they are
situated in proximity to the device.
Light with wavelengths in the red and infra-red part of the
spectrum have the most detrimental effect thus the fluores-
cent lighting used inside most buildings has very little effect
on performance. Tests carried out on a micro SMD test
board showed a negligible effect on the regulated output
voltage when brought within 1 cm of a fluorescent lamp. A
deviation of less than 0.1% from nominal output voltage was
observed.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com