Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3999 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3999
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3999 Datasheet HTML 3Page - National Semiconductor (TI) LP3999 Datasheet HTML 4Page - National Semiconductor (TI) LP3999 Datasheet HTML 5Page - National Semiconductor (TI) LP3999 Datasheet HTML 6Page - National Semiconductor (TI) LP3999 Datasheet HTML 7Page - National Semiconductor (TI) LP3999 Datasheet HTML 8Page - National Semiconductor (TI) LP3999 Datasheet HTML 9Page - National Semiconductor (TI) LP3999 Datasheet HTML 10Page - National Semiconductor (TI) LP3999 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, V
EN = 1.5, VIN =VOUT(NOM) + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF, cBP = 0.01 µF. Typical
values and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the full tempera-
ture range for operation, −40 to +125˚C. (Note 13)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
DEVICE OUTPUT: 2.5
≤ V
OUT
≤ 3.3V
∆V
OUT
Output Voltage Tolerance
I
OUT = 1 mA
-2
2
%of
V
OUT(NOM)
−3
3
Line Regulation Error
V
IN =(VOUT(NOM)+1.0V) to 6.0V,
I
OUT =1 mA
−0.1
0.1
%/V
micro SMD
Load Regulation Error
I
OUT = 1 mA to 150 mA
0.0004
0.002
%/mA
LLP
Load Regulation Error
I
OUT = 1 mA to 150 mA
0.003
%/mA
Dropout Voltage
I
OUT = 1 mA
0.4
2
mV
I
OUT = 150 mA
60
100
PSRR
Power Supply Rejection Ratio
(Note 11)
f = 1 kHz, I
OUT = 1 mA
60
dB
f = 10 kHz, I
OUT = 1 mA
50
FULL V
OUT RANGE
I
LOAD
Load Current
(Notes 10, 11)
0
µA
I
Q
Quiescent Current
V
EN = 1.5V, IOUT = 0 mA
85
150
µA
V
EN = 1.5V, IOUT = 150 mA
140
200
V
EN = 0.4V
0.003
1.5
I
SC
Short Circuit Current Limit
450
mA
E
N
Output Noise Voltage ((Note 11)) BW = 10 Hz to 100 kHz,
V
IN = 4.2V, No Load
10
µVrms
BW = 10 Hz to 100 kHz,
V
IN = 4.2V, 1mA Load
30
T
SHUTDOWN
Thermal Shutdown
Temperature
160
˚C
Hysteresis
20
ENABLE CONTROL CHARACTERISTICS
I
EN
Maximum Input Current at
V
EN Input
V
EN = 0.0V and VIN = 6.0V
0.001
µA
V
IL
Low Input Threshold
0.4
V
V
IH
High Input Threshold
0.9
V
TIMING CHARACTERISTICS
T
ON
Turn On Time (Note 11)
To 95% Level (Note 12)
140
µs
Note 3: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 4: All voltages are with respect to the potential at the GND pin.
Note 5: For further information on these packages please refer to the following application notes;
AN-1112 Micro SMD Package Wafer Level Chip Scale Package,
AN-1187. Leadless Leadframe Package.
Note 6: Internal Thermal shutdown circuitry protects the device from permanent damage.
Note 7: In applications where high power dissipation and/or poor thermal resistance is present, the maximum ambient temperature may have to be derated.
Maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op)), the maximum power dissipation (PD(max)), and
the junction to ambient thermal resistance in the application (
θJA). This relationship is given by :-
T
A(max) =TJ(max-op) −(PD(max) x
θ
JA)
Note 8: Junction to ambient thermal resistance is highly dependant on the application and board layout. In applications where high thermal dissipation is possible,
special care must be paid to thermal issues in the board design.
Note 9: The human body is 100 pF discharge through 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each pin.
Note 10: The device maintains the regulated output voltage without load.
Note 11: This electrical specification is guaranteed by design.
Note 12: Time from VEN = 0.9V to VOUT = 95% (VOUT(NOM))
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com