Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL05-2A18-11PC-F0-RK Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL05-2A18-11PC-F0-RK
Description  Panel mount receptacle (Waterproof type (mated)), Shell size : 18, Pin Contact (Sold separately), 5 pos.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL05-2A18-11PC-F0-RK Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JL05-2A18-11PC-F0-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL05-2A18-11PC-F0-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL05-2A18-11PC-F0-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JL05-2A18-11PC-F0-RK
Features
Panel mount receptacle (Waterproof type (mated)), Shell size : 18, Pin Contact (Sold separately), 5 pos.
Part Number
JL05-2A18-11PC-F0-RK
Status
Active
Number of Positions
5 pos.
Rated Current (per contact),
when embedded in the
insulator
Contact Size #12
23 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 3.5 mm2 ]
17 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 2 mm2]
13 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 1.25 mm2]
(For the total capacity of current that can flow through the entire connector,
please contact us separately.)
Waterproof/ Non-waterproof
Waterproof (mated condition)
Connector Type
Panel mount receptacle
Shell Size
18
Contact Arrangement Code
18 - 11
Contact Type
Pin
insert rotation position
(degrees)
-
Contact Size
#12
Contact Size X No. of Contacts
#12*5
Product Details


Similar Part No. - JL05-2A18-11PC-F0-RK

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL05-2A18-11PCV-FO-R JAE-JL05-2A18-11PCV-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A18-11PCW-FO-R JAE-JL05-2A18-11PCW-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A18-11PCX-FO-R JAE-JL05-2A18-11PCX-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A18-11PCY-FO-R JAE-JL05-2A18-11PCY-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A18-11PCZ-FO-R JAE-JL05-2A18-11PCZ-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
More results

Similar Description - JL05-2A18-11PC-F0-RK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0563773000 MOLEX7-0563773000 Datasheet
106Kb / 2P
CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 30 CircuitsFront Mount Type
logo
Tyco Electronics
164535 MACOM-164535 Datasheet
80Kb / 1P
50 POS HDP-20 RECEPTACLE CONNECTOR SIZE 5
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
Molex Electronics Ltd.
84502-0008 MOLEX11-84502-0008 Datasheet
51Kb / 2P
XRC Sealed Receptacle with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
0845020008 MOLEX1-0845020008 Datasheet
45Kb / 2P
XRC Sealed Receptacle with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
logo
Amphenol Corporation
RCP-5SPFFP-SCM7B10 AMPHENOL-RCP-5SPFFP-SCM7B10 Datasheet
103Kb / 1P
RJ45,C SIZE,MATED WATERPROOF
2019-09-16
logo
NorComp
859-005-103R00Y NORCOMP-859-005-103R00Y Datasheet
83Kb / 1P
M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 5 POS
REV.03
859-005-103RP94 NORCOMP-859-005-103RP94 Datasheet
69Kb / 1P
M12 // 5 POS // MALE // A CODE // PANEL MOUNT // PG9
REV.00
859-005-203R00Y NORCOMP-859-005-203R00Y Datasheet
86Kb / 1P
M12 FEMALE - PANEL MOUNT (REAR) - SOLDER CUP - 5 POS
REV.03
logo
Japan Aviation Electron...
JL04V-6A22-22SE-EB-R JAE-JL04V-6A22-22SE-EB-R Datasheet
67Kb / 4P
Straight plug, TÜV, Waterproof (when mated) type, 4 pos., Socket, Contact arrangement code: 22-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com