Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20MBBL Datasheet(PDF) 1 Page - Multicomp Pro

Part # 20MBBL
Description  Installation Accessories Malleable Conduit Boxes & Fittings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

20MBBL Datasheet(HTML) 1 Page - Multicomp Pro

  20MBBL Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
17/10/12
Installation Accessories
Malleable Conduit Boxes & Fittings
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Material
Finish
Size
Pack Size Part Number
Dome Cover
-
Galvanised
20
50
B20GDC
Male Short Bush
Brass
-
100
20MBBS
-
25
25MBBS
Male Long Bush
-
20
20MBBL
-
25
50
25MBBL
Female Bush
-
20
100
20FBB
-
25
25FBB
Part Number Table
20GDC
25MBBS
25MBBL
25FBB
Dimensions : Millimetres


Similar Part No. - 20MBBL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
20M YAGEO-20M Datasheet
1Mb / 13P
Metal Oxide Varistor
Aug 03, 2022 V.3
logo
HuaXinAn Electronics CO...
20M101K HUAXINAN-20M101K Datasheet
325Kb / 5P
Metal Oxide Varistors Data Sheet
20M102K HUAXINAN-20M102K Datasheet
325Kb / 5P
Metal Oxide Varistors Data Sheet
20M112K HUAXINAN-20M112K Datasheet
325Kb / 5P
Metal Oxide Varistors Data Sheet
20M121K HUAXINAN-20M121K Datasheet
325Kb / 5P
Metal Oxide Varistors Data Sheet
More results

Similar Description - 20MBBL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84298A0044L EPCOS-B84298A0044L Datasheet
155Kb / 2P
Installation Accessories
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
Installation Accessories
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
logo
Advantech Co., Ltd.
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
Installation Accessories
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
Conduit Accessories
logo
Heyco.
8398 HEYCO-8398 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8500 HEYCO-8500_V01 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
H8501 HEYCO-H8501 Datasheet
144Kb / 1P
Heyco® Nylon Conduit Fittings - Straight-Thru
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com