Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MB2
Description  Multipurpose Boxes with Lids
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MB2 Datasheet(HTML) 2 Page - Multicomp Pro

  MB2 Datasheet HTML 1Page - Multicomp Pro MB2 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
21/05/21
Multipurpose Boxes with Lids
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Material Data
ABS material - Ronfalin 103 grade 
Properties
Unit
Test Methods
ISO
DIN
Mechanical Properties
kJ / m2
-
-
Charpy notched impact strength 
at +23 °C
at -20 °C
10
7
179/2c
53453
-
-
-
-
Izod notched impact strength at 
+23 °C (thickness 6.4 mm) at -20 
°C (thickness 6.4 mm)
kJ / m2
17
9
180/3A
-
-
-
-
-
Tensile test
Tensile strength at yield
Elongation at yield
N / mm2
49
4
R527/1C
53455-3-5
-
-
-
-
Flexural test Flexural strength 
Modulus in flexure
N / mm2
87
2,400
178B
-
-
53452
-
-
Surface hardness
Rockwell hardness
Ball indention hardness
R scale
110
90
-
-
2039/2
-
2039/1
53456
Thermal  Properties
°C
75/A
53461/A
HDT 
Unannealed 
Annealed
Vicat softening temperature
Flammability properties
90
97
97
94HB (1.5 mm)
-
-
-
-
-
-
306/B50
53460
UL94
-
Physical Properties
kg / m3
-
-
Density
1,050
1183/A
53479
Melt flow index
13
1133/19
53735/U
Gloss
59
-
67530
Processing temperatures
200 to 230 °C
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com