Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF58 Datasheet(PDF) 2 Page - Multicomp Pro

Part # SF58
Description  SF5x Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SF58 Datasheet(HTML) 2 Page - Multicomp Pro

  SF58 Datasheet HTML 1Page - Multicomp Pro SF58 Datasheet HTML 2Page - Multicomp Pro SF58 Datasheet HTML 3Page - Multicomp Pro SF58 Datasheet HTML 4Page - Multicomp Pro SF58 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF5x Series
Page <2>
26/07/08 V1.1
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbol
SF51
SF52
SF54
SF56
SF58
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
Maximum Average Forward Rectified
Current 0.375 (9.5mm) Lead Length
at TA = 55°C
I (AV)
5.0
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
Maximum Instantaneous Forward Voltage
at 5.0A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current at TA = 25°C
at Rated DC Blocking Voltage at TA = 100°C
IR
5.0
100
µA
µA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
120
60
pF
Typical Thermal Resistance (Note 3)
RθJA
RθJL
20
5.0
°C/W
Operating Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
Note: 1. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V dc.
3. Mount on Cu-Pad Size 16mm x 16mm on PCB.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com