Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV1 Datasheet(PDF) 1 Page - Midas Components

Part # LEDV1
Description  LEDV1 is a small board designed to drive the LED back light of various LCD displays.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV1 Datasheet(HTML) 1 Page - Midas Components

  LEDV1 Datasheet HTML 1Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LEDV1
LEDV1 is a small board designed to drive the LED back light of
various LCD displays.
FEATURES
■ High Output Voltage: Up to 33V.
■ Optimized for Single Supply, typically 3.3v to 10v (12.0v max).
■ High Efficiency: Greater Than 80%.
■ Dimensions 25 x 12 x 5 mm.
CN1 input connector.
4 way 2mm pitch.
Description
1
+V
Input 3.3v to 10V (12V Max)
2
SHDN
High to turn on. Low to shut down.
3
ADJ
Brightness adjustment via resistor to ground.
4
GND
Ground Input.
CN2 output connector.
2 way 2mm pitch.
Description
1
A
LED Anode connection +.
2
K
LED cathode connection -.
Notes:
1)
Current can be set by setting R2 resistance to ground. I = 0.095/R2.
4R7 = 20mA (Default)
2)
D2 is a 33V zener used to restrict the output voltage if the output connector is
open circuit.
3)
Please refer to the MICREL MIC2287C specification for more details.
Page 1 of 1 4/2/13


Similar Part No. - LEDV1

ManufacturerPart #DatasheetDescription
logo
Midas Components
LEDV3 MIDASDISPLAYS-LEDV3 Datasheet
406Kb / 1P
LEDV3 is a small board designed to drive the LED back light of various LCD displays.
More results

Similar Description - LEDV1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
Dual LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
LCD Back Light Inverter Drive IC
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
Evaluation Board is designed to aid in the characterization of National
logo
Taiwan Memory Technolog...
T6505A TMT-T6505A Datasheet
189Kb / 2P
T6505A is designed for LED displays.
logo
STMicroelectronics
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
logo
List of Unclassifed Man...
DT8211 ETC1-DT8211 Datasheet
225Kb / 10P
LCD Back Light Inverter Drive IC - The DT8211 is a LCD backlight inverter controller for driving CCFL (Cold Cathode Fluorescent Lamp)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com