Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDV3 Datasheet(PDF) 1 Page - Midas Components

Part # LEDV3
Description  LEDV3 is a small board designed to drive the LED back light of various LCD displays.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

LEDV3 Datasheet(HTML) 1 Page - Midas Components

  LEDV3 Datasheet HTML 1Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LEDV3
LEDV3 is a small board designed to drive the LED back light of
various LCD displays.
FEATURES
■ High Output Voltage: Up to 40V.
■ High Output Current Switch: Up to 3A..
■ Input voltage range 2.9v to 16.0v input.
■ Brightness adjustment.
■ High Efficiency: Up to 93%.
■ Dimensions 57 x 20 x 9 mm.
■ Ballast resistors for up to 4 channels.
J1 input connector.
4 way Molex 22-05-1042
Description
1
+VIN
Input 2.9v to 16V
2
ENABLE
High to turn on. Low to shut down or PWM input. Connect to +V if not used.
3
DIM
Brightness adjustment via 200K pot to ground (Leave open for max brightness)
4
0V
Ground Input.
J2 output connector.
8 way Molex 51201
Description
1
K 1
CHANNEL 1 LED cathode connection -.
2
K 2
CHANNEL 2 LED cathode connection -.
3
K 3
CHANNEL 3 LED cathode connection -.
4
K 4
CHANNEL 4 LED cathode connection -.
5
A 1
CHANNEL 1 LED Anode connection +.
6
A 2
CHANNEL 2 LED Anode connection +.
7
A 3
CHANNEL 3 LED Anode connection +.
8
A 4
CHANNEL 4 LED Anode connection +.
Please refer to Texas Instruments TPS61500 specification for further detail.
Page 1 of 1
Sauls Wharf House
Crittens Road
Great Yarmouth
Norfolk
NR31 0AG
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com


Similar Part No. - LEDV3

ManufacturerPart #DatasheetDescription
logo
Midas Components
LEDV1 MIDASDISPLAYS-LEDV1 Datasheet
150Kb / 1P
LEDV1 is a small board designed to drive the LED back light of various LCD displays.
4/2/13
More results

Similar Description - LEDV3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
LCD Back Light Inverter Drive IC
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
Dual LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310_05 Datasheet
359Kb / 12P
LCD Back Light Inverter Drive IC
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
Evaluation Board is designed to aid in the characterization of National
logo
Taiwan Memory Technolog...
T6505A TMT-T6505A Datasheet
189Kb / 2P
T6505A is designed for LED displays.
logo
STMicroelectronics
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
logo
List of Unclassifed Man...
DT8211 ETC1-DT8211 Datasheet
225Kb / 10P
LCD Back Light Inverter Drive IC - The DT8211 is a LCD backlight inverter controller for driving CCFL (Cold Cathode Fluorescent Lamp)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com