Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD670 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD670
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD670 Datasheet(HTML) 1 Page - STMicroelectronics

  BD670 Datasheet HTML 1Page - STMicroelectronics BD670 Datasheet HTML 2Page - STMicroelectronics BD670 Datasheet HTML 3Page - STMicroelectronics BD670 Datasheet HTML 4Page - STMicroelectronics BD670 Datasheet HTML 5Page - STMicroelectronics BD670 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BD677/A/679/A/681
BD678/A/680/A/682
COMPLEMENTARY SILICON
POWER DARLINGTON TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
s
MONOLITHIC DARLINGTON
CONFIGURATION
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATION
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BD677, BD677A, BD679, BD679A and
BD681 are silicon epitaxial-base NPN power
transistors in monolithic Darlington configuration
mounted in Jedec SOT-32 plastic package.
They are intended for use in medium power linar
and switching applications
The complementary PNP types are BD678,
BD678A,
BD680,
BD680A
and
BD682
respectively.
INTERNAL SCHEMATIC DIAGRAM
R1 Typ.= 7K
Ω
R2 Typ.= 230
Ω
September 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
NPN
BD677/A
BD679/A
BD681
PNP
BD678/A
BD680/A
BD682
VCBO
Collector-Base Voltage (IE =0)
60
80
100
V
VCEO
Collector-Emit ter Voltage (IB =0)
60
80
100
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collector Current
4
A
ICM
Collector Peak Current
6
A
IB
Base Current
0.1
A
Ptot
Tot al Dissipation at Tc
≤ 25 oC40
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
For PNP types voltage and current values are negative.
3
2
1
SOT-32
1/6


Similar Part No. - BD670

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
87Kb / 4P
Silicon Monolithic Integrated Circuit
BD6701F ROHM-BD6701F Datasheet
518Kb / 17P
Two-phase Full-wave DC Brushless Fan Motor Drivers
BD6701F ROHM-BD6701F_11 Datasheet
87Kb / 4P
Silicon Monolithic Integrated Circuit
BD6701F ROHM-BD6701F_12 Datasheet
518Kb / 17P
Two-phase Full-wave DC Brushless Fan Motor Drivers
More results

Similar Description - BD670

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com