Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MKMCM Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC32MKMCM
Description  PIC32MK MCM Curiosity Pro User’s Guide
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MKMCM Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC32MKMCM Datasheet HTML 9Page - Microchip Technology PIC32MKMCM Datasheet HTML 10Page - Microchip Technology PIC32MKMCM Datasheet HTML 11Page - Microchip Technology PIC32MKMCM Datasheet HTML 12Page - Microchip Technology PIC32MKMCM Datasheet HTML 13Page - Microchip Technology PIC32MKMCM Datasheet HTML 14Page - Microchip Technology PIC32MKMCM Datasheet HTML 15Page - Microchip Technology PIC32MKMCM Datasheet HTML 16Page - Microchip Technology PIC32MKMCM Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Introduction
 2020 Microchip Technology Inc.
DS70005419A-page 13
1.3
KIT FUNCTIONALITY AND FEATURES
1.3.1
Development Board
Representations of the layout of the development board included in the PIC32MK MCM Curiosity
Pro are shown in Figure 1-2 and Figure 1-3.
The top assembly of the PIC32MK MCM Curiosity Board includes these key features, as indi-
cated in Figure 1-2:
1.
PIC32MK1024MCM100
2.
Green power indicator LED
3.
Power diode shunt
4.
Power in
5.
Mini-USB 2.0 connector (debug)
6.
USB Type-C connection
7.
CAN 120 Ohm terminations
8.
USB Type-A receptacle connectivity for PIC32 host-based applications
9.
X32 header
10. MikroBus socket
11. Three user-defined switches
12. DB-9F CAN connectors
13. Three user-defined LEDs
14. CAN 3 & 4 header connectors.
15. USB to UART Bridge
For additional information about these features, refer to Chapter 2. “Hardware”.
FIGURE 1-2:
PIC32MK MCM CURIOSITY PRO LAYOUT (TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com