Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106 Datasheet(PDF) 1 Page - Copyright Pickering Electronics Ltd

Part # 106
Description  Single-in-Line SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

106 Datasheet(HTML) 1 Page - Copyright Pickering Electronics Ltd

  106 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
(see last page)
Single-in-Line SIL/SIP Reed Relays
Series 106
pickering
relay.com
—
1 Form A, 20 W at 200 V
—
1 Form A, 10 W at 500 V, 1500 V Standoff
—
1 Form C, 3 W at 200 V
—
Highest quality instrumentation grade switches
—
Internal mu-metal magnetic screen
—
Insulation resistance
>1012 Ω for Form A devices
—
Dry switches are available in both
1 Form A and
1 Form C configurations
—
3 V, 5 V or 12 V coils with optional internal diode
—
5 V coils may be driven directly from TTL logic
—
Ideal choice for automatic test equipment.
—
Additional build options are available
—
Many benefits compared to industry standard relays
Switch Ratings
1 Form A (energize to make)
1 Form C (changeover)
Up to 1 A switching at 20 W
500 V d.c. switching at 10 W
3 W at 200 V
Magnetic Interaction
Unscreened
100
100HV
100HC
30%
10%
101
20%
Pickering
relays
106
107
0.4
0.3
0.2
0.1
Relay Package Width (Inches)
108
109
111
Percentage
Interaction
(Change in
operate voltage)
Other Unscreened
relays
109P
110
111P
112
113
105
Internal
mu-metal
screen
Complete
mu-metal
can
Key:
0.145”
0.19”
0.245”
0.26”
0.29”
0.40”
104
114
117 115
116
119
40%
50%
Other Manufacturers’
Unscreened relays
Other Manufacturers’
Partially screened relays
Partially
screened
Magnetic Interaction
Package Width (Inches)
0.145”
0.19”
0.245”
0.26”
0.29”
0.40”
This chart demonstrates the percentage changes in operate voltage due to magnetic interaction depending on the level of
magnetic screening offered from the relay package. For more information on magnetic interaction
click here.
1
2
Package Type
NEW


Similar Part No. - 106

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
106 RIEDON-106 Datasheet
359Kb / 2P
Precision Wirewound Resistors
106 RIEDON-106 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Alpha Wire
106 ALPHAWIRE-106 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
106 ALPHAWIRE-106 Datasheet
99Kb / 4P
Customer Specification
11/28/2022
logo
Ashcroft, Inc.
106 ASHCROFT-106 Datasheet
677Kb / 5P
106/206 In-Line Flanged Diaphragm Seals
RevB_06-25-21
More results

Similar Description - 106

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A31-71L MEDER-SIL05-1A31-71L Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71D MEDER-SIL05-1A31-71D Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71M MEDER-SIL05-1A31-71M Datasheet
92Kb / 1P
SIL Reed Relays
SIL05-1A31-71Q MEDER-SIL05-1A31-71Q Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71L MEDER-SIL12-1A31-71L Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71D MEDER-SIL12-1A31-71D Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A31-71M MEDER-SIL12-1A31-71M Datasheet
92Kb / 1P
SIL Reed Relays
SIL12-1A75-71L MEDER-SIL12-1A75-71L Datasheet
91Kb / 1P
SIL Reed Relays
SIL15-1A75-71Q MEDER-SIL15-1A75-71Q Datasheet
92Kb / 1P
SIL Reed Relays
SIL24-1A75-71Q MEDER-SIL24-1A75-71Q Datasheet
92Kb / 1P
SIL Reed Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com