Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY417-SSF Datasheet(PDF) 13 Page - Microchip Technology

Part # ATTINY417-SSF
Description  AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY417-SSF Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATTINY417-SSF Datasheet HTML 9Page - Microchip Technology ATTINY417-SSF Datasheet HTML 10Page - Microchip Technology ATTINY417-SSF Datasheet HTML 11Page - Microchip Technology ATTINY417-SSF Datasheet HTML 12Page - Microchip Technology ATTINY417-SSF Datasheet HTML 13Page - Microchip Technology ATTINY417-SSF Datasheet HTML 14Page - Microchip Technology ATTINY417-SSF Datasheet HTML 15Page - Microchip Technology ATTINY417-SSF Datasheet HTML 16Page - Microchip Technology ATTINY417-SSF Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
7.
Thermal Considerations
7.1
Thermal Resistance Data
The following table summarizes the thermal resistance data depending on the package.
Table 7-1. Thermal Resistance Data
Package Type
θJA [°C/W]
θJC [°C/W]
24-pin VQFN (ZHA)
60.6
25
Related Links
Junction Temperature
7.2
Junction Temperature
The average chip-junction temperature, TJ, in °C can be obtained from the following:
1.
TJ = TA + (PD x θJA)
2.
TJ = TA + (PD x (θHEATSINK + θJC))
where:
•
θJA = Package thermal resistance, Junction-to-ambient (°C/W), see Thermal Resistance Data
•
θJC = Package thermal resistance, Junction-to-case thermal resistance (°C/W), see Thermal
Resistance Data
•
θHEATSINK = Thermal resistance (°C/W) specification of the external cooling device
•
PD = Device power consumption (W)
•
TA = Ambient temperature (°C)
From the first equation, the user can derive the estimated lifetime of the chip and decide if a cooling
device is necessary or not. If a cooling device is to be fitted on the chip, the second equation should be
used to compute the resulting average chip-junction temperature TJ in °C.
Related Links
Thermal Resistance Data
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001934A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com