Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments TMS320VC33 Datasheet HTML 45Page - Texas Instruments TMS320VC33 Datasheet HTML 46Page - Texas Instruments TMS320VC33 Datasheet HTML 47Page - Texas Instruments TMS320VC33 Datasheet HTML 48Page - Texas Instruments TMS320VC33 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
serial-port timing parameters
The following tables define the timing parameters for the serial port.
timing requirements (see Figure 31 and Figure 32)
MIN
MAX
UNIT
t
Cycle time CLKX/R
CLKX/R ext
tc(H) *2.6
ns
tc(SCK)
Cycle time, CLKX/R
CLKX/R int
tc(H) *2
tc(H) *216
ns
t
Pulse duration CLKX/R high/low
CLKX/R ext
tc(H) +5
ns
tw(SCK)
Pulse duration, CLKX/Rhigh/low
CLKX/R int
[tc(SCK)/2] -- 4
[tc(SCK)/2] + 4
ns
tr(SCK)
Rise time, CLKX/R
3
ns
tf(SCK)
Fall time, CLKX/R
3
ns
t
Setup time DR before CLKR low
CLKR ext
4
ns
tsu(DR-CLKRL)
Setup time, DR before CLKR low
CLKR int
5
ns
t
Hold time DR after CLKR low
CLKR ext
3
ns
th(CLKRL-DR)
Hold time, DR after CLKR low
CLKR int
0
ns
t
Setup time FSR before CLKR low
CLKR ext
4
ns
tsu(FSR-CLKRL)
Setup time, FSR before CLKR low
CLKR int
5
ns
t
Hold time FSX/R input after CLKX/R low
CLKX/R ext
3
ns
th(SCKL-FS)
Hold time, FSX/R input after CLKX/Rlow
CLKX/R int
0
ns
t
Setup time external FSX before CLKX
CLKX ext
--[tc(H) -- 6]
[tc(SCK)/2] -- 6
ns
tsu(FSX-CLKX)
Setup time, external FSX before CLKX
CLKX int
--[tc(H) -- 10]
tc(SCK)/2
ns
switching characteristics over recommended operating conditions (see Figure 31 and Figure 32)
PARAMETER
MIN
MAX
UNIT
td(H1H-SCK)
Delay time, H1 high to internal CLKX/R
4
ns
t
Delay time CLKX to DX valid
CLKX ext
6
ns
td(CLKX-DX)
Delay time, CLKX to DX valid
CLKX int
5
ns
t
Delay time CLKX to internal FSX high/low
CLKX ext
5
ns
td(CLKX-FSX)
Delay time, CLKX to internal FSX high/low
CLKX int
4
ns
t
Delay time CLKX to first DX bit FSX precedes CLKX high
CLKX ext
5
ns
td(CLKX-DX)V
Delay time, CLKX to first DX bit, FSX precedes CLKX high
CLKX int
4
ns
td(FSX-DX)V
Delay time, FSX to first DX bit, CLKX precedes FSX
6
ns
tdis(CLKX-DXZ)
Disable time, DX high impedance following last data bit from CLKX high
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com