Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDY90 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BDY90
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BDY90 Datasheet(HTML) 2 Page - STMicroelectronics

  BDY90 Datasheet HTML 1Page - STMicroelectronics BDY90 Datasheet HTML 2Page - STMicroelectronics BDY90 Datasheet HTML 3Page - STMicroelectronics BDY90 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
2.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCE = VCBO
1mA
ICEV
Collector Cut-off
Current (VBE = -1.5V)
VCE = VCEV
Tcase = 150
oC
VCE = VCEV
1
3
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 6 V
1mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
100
V
VCE(sat)
∗ Collector-emitter
Saturation Voltage
IC = 5 A
IB = 0.5 A
IC = 10 A
IB = 1 A
0.5
1.5
V
V
VBE(sat)
∗ Base-emitter
Saturation Voltage
IC = 5 A
IB = 0.5 A
IC = 10 A
IB = 1 A
1.2
1.5
V
V
hFE
∗
DC Current Gain
IC = 1 A
VCE = 2 V
IC = 5 A
VCE = 5 V
IC = 10 A
VCE = 5 V
30
30
20
120
ft
Transition-Frequency
IC = 0.5 A
VCE = 5 V
f = 5 MHz
70
MHz
ton
Turn-on Time
IC = 5 A
IB1 = 0.5 A
VCC = 30 V
0.35
µs
ts
Storage Time
IC = 5 A
IB1 = -IB2 = 0.5 A
VCC = 30 V
1.3
µs
tf
Fall Time
0.2
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BDY90
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com