Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL9201PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPL9201PWPR
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL9201PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL9201PWPR Datasheet HTML 4Page - Texas Instruments TPL9201PWPR Datasheet HTML 5Page - Texas Instruments TPL9201PWPR Datasheet HTML 6Page - Texas Instruments TPL9201PWPR Datasheet HTML 7Page - Texas Instruments TPL9201PWPR Datasheet HTML 8Page - Texas Instruments TPL9201PWPR Datasheet HTML 9Page - Texas Instruments TPL9201PWPR Datasheet HTML 10Page - Texas Instruments TPL9201PWPR Datasheet HTML 11Page - Texas Instruments TPL9201PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
Serial Communications Interface
IN1
LSB
IN7
IN6
IN5
IN4
IN3
IN2
IN8
MSB
XXX
T1
T5
T8
T2
T4
T3
T1
NCS
SCLK
MOSI
1
2
3
4
5
6
7
8
T7
T6
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123D – JUNE 2006 – REVISED FEBRUARY 2008
The serial communications is an 8-bit format, with data transfer synchronized using a serial clock from the
microcontroller (see Figure 1). A single register controls all the outputs. The signal gives the instruction to control
the output of TPL9201.
The NCS signal enables the SCLK and MOSI data when it is low. After NCS is set low for T1, synchronization
clock and data begin to transmit and, after the 8-bit data has been transmitted, NCS is set high again to disable
SCLK and MOSI and transfer the serial data to the control register. SCLK must be held low when NCS is in the
high state.
Figure 1. Serial Communications
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPL9201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com