Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB3441212S Datasheet(PDF) 1 Page - E-SWITCH

Part # RB3441212S
Description  RB3 Series Rocker Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RB3441212S Datasheet(HTML) 1 Page - E-SWITCH

  RB3441212S Datasheet HTML 1Page - E-SWITCH RB3441212S Datasheet HTML 2Page - E-SWITCH RB3441212S Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
1
• High Quality and Reliable Switch
• 13.8mm x 30.2mm Cutout
• Illumination Options
• Marking Options
• Multiple Terminal and Actuator Options
• Front Panel Mount Applications
• 1 Pole Maintained and Momentary Functions
Terminal
Body
Color
A - 16(8)A,
125/250VAC,
T55, IP67
B - 20(8)A,
125/250VAC,
T55, IP67
C - 25(8)A, 125/250VAC, T55, IP67
D - 16A, 6-48VDC, T55, IP67
E - 20A, 6-36VDC, T55, IP67
1 - 16(8)A, 125/250VAC, T125/55
2 - 20(8)A, 125/250VAC, T125/55
4 - 16A, 6-48VDC, 40T125/55
5 - 20A, 6-36VDC, 40T125/55
1 - Black
2 - White
1
- On-Off
2 - On-On
3
- On-Off-On
4
- (On)-(Off)
5 - (On)-On
6
- (On)-Off-(On)
7
- (On)-Off-On
Notes:
Custom Colors and Markings Available Upon Request
( ) = Denotes Momentary Function
Series
Function
1 - Black
2 - White
Rating
Actuator
Color
Marking
Color
0 - None
2 - White
Marking
Type
0 - None
1 - I/O
Vertical
2 -ON-OFF-ON
Vertical
3 - ON-OFF
Vertical
4 - ON-OFF
Horizontal
9 - I/O/II
Horizontal
R - I/O
Horizontal
S - I/O/II Vertical
Lamp
Voltage
None - No
LED
0 - White
1 - Red
2 - Amber
3 - Green
4 - Blue
5 - Yellow
None - No
LED
0 - White
1 - Red
2 - Amber
3 - Green
4 - Blue
5 - Yellow
None - Not
Illuminated
4 - 12V
5 - 24V
6 - 125V
7 - 250V
LED 1
RB3
4 - 6.3mm Tab
LED 2
Specifications
Part Number Configurator
RB3 Series Rocker Switch
Features & Benefits
Applications / Markets
Specifications subject to change without notice 7.27.2023
Industrial Controls
Commercial Appliances
Electrical Rating:
A - 16(8)A, 125/250VAC, T55, IP67
B - 20(8)A, 125/250VAC, T55, IP67
C - 25(8)A, 125/250VAC, T55, IP67
D - 16A, 6-48VDC, T55, IP67
E - 20A, 6-36VDC, T55, IP67
1 - 16(8)A, 125/250VAC, T125/55
2 - 20(8)A, 125/250VAC, T125/55
4 - 16A, 6-48VDC, 40T125/55
5 - 20A, 6-36VDC, 40T125/55
Operating Temperature: -40°C to 125°C (not all Ratings
have this range)
Electrical Life: 10,000 Cycles
Contact Resistance:
20mΩ Max. at 50VAC initial
Insulation Resistance:
100MΩ Min. at 500VDC
Dielectric Strength: 1,000VAC for 1 min.
Ingress Protection: IP67 (not available for all Ratings)
Agency Approvals: cURus, ENEC
Instrumentation
Electrical Housewares
Floor Care Appliances
Medical/Dental


Similar Part No. - RB3441212S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB30 ALLIED-RB30 Datasheet
839Kb / 1P
Radial Bobbin Inductors
RB30-100K-RC ALLIED-RB30-100K-RC Datasheet
836Kb / 1P
Radial Bobbin Inductors
RB30-100K-RC ALLIED-RB30-100K-RC Datasheet
839Kb / 1P
Radial Bobbin Inductors
RB30-100K-RC ALLIED-RB30-100K-RC Datasheet
839Kb / 1P
Radial Bobbin Inductors
RB30-101K-RC ALLIED-RB30-101K-RC Datasheet
836Kb / 1P
Radial Bobbin Inductors
More results

Similar Description - RB3441212S

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com