Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G201 Datasheet(PDF) 1 Page - Multicomp Pro

Part # G201
Description  Multipurpose Boxes with Lids
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

G201 Datasheet(HTML) 1 Page - Multicomp Pro

  G201 Datasheet HTML 1Page - Multicomp Pro G201 Datasheet HTML 2Page - Multicomp Pro G201 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
14/09/20
Multipurpose Boxes with Lids
G2 Series
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Multipurpose IP65
ABS
Multipurpose IP65
Polycarbonate
Features:
• The LID and base incorporate a tongue and groove sealing system with a neoprene gasket
• Wall mounting holes and LID fixing screws are outside the sealing area thus preventing the ingress of moisture and dust
• Designed to IP 65 of IEC 529 and nema 4 (dust and hoseproof)
• Internal guide slots for mounting PCB assemblies vertically
• Bosses on internal base allow fixing of PCB’s horizontally or connection of terminals, etc into threaded brass inserts
• LID fixing screw are M-4 stainless steel (nonmagnetic) into threaded brass inserts
• Polycarbonate is an engineering thermoplastic that has good electrical insulation characteristic and heat resistance which
make them ideal for use in the electrical and electronics industries
• Available with Nickel Acrylic coating on the internal surfaces which improves EMI and RFI shielding of the enclosure
Specifications:
Type
: IP65, PC (Polycarbonate boxes sealed to IP65)
Wall Thickness
: 3mm
Colour
: Light Grey
Operating Temperature : -40°C to +125°C
Dimensions of Boxes
G201
G203
Dimensions : Millimetres
Depth
Height
Width


Similar Part No. - G201

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G201 MPD-G201 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Global Mixed-mode Techn...
G2010 GMT-G2010 Datasheet
90Kb / 1P
1-Channel DC Motor Driver for Toy
logo
Heyco.
G2010 HEYCO-G2010 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
logo
Global Mixed-mode Techn...
G2011 GMT-G2011 Datasheet
80Kb / 1P
2-Channel DC Motor Driver for Toy
logo
Heyco.
G2011 HEYCO-G2011 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
More results

Similar Description - G201

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
List of Unclassifed Man...
G302 ETC1-G302 Datasheet
60Kb / 2P
Multipurpose Enclosures
G238 ETC2-G238 Datasheet
192Kb / 1P
Multipurpose Enclosure
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
MB6W ETC2-MB6W Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
G287 ETC2-G287 Datasheet
114Kb / 1P
Multipurpose Boxes
SCB1W ETC2-SCB1W Datasheet
29Kb / 2P
Small Multipurpose Boxes
logo
Schneider Electric
VRKP4YYYYY00016 SCHNEIDER-VRKP4YYYYY00016 Datasheet
101Kb / 2P
cable bushing with lids and fasteners
Apr 20, 2022
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com