Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789 Datasheet(PDF) 40 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 40 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 316 page
background image
ST7789VI
Version 1.4
Page 40 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7.3
Power Consumption
Ta=25
℃, Frame rate = 60Hz, Registers setting are IC default setting.
Operation Mode
Image
Current Consumption
Typical
Maximum
IDDI
(mA)
IDD
(mA)
IDDI
(mA)
IDD
(mA)
Normal Mode
Black
0.005
6.0
0.01
8.0
Partial + Idle Mode (48 lines)
Black
0.005
5.0
0.01
7.0
Sleep-in Mode
N/A
0.005
0.015
0.01
0.03
Table 3 Power Consumption
Notes:
1. The Current Consumption is DC characteristics of ST7789VI.
2. Typical: VDDI=1.8V, VDD=2.75V; Maximum: VDDI=1.65 to 3.6V, VDD=2.4 to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com