Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4-EE-1-R-B-N-G-W Datasheet(PDF) 1 Page - E-SWITCH

Part # LP4-EE-1-R-B-N-G-W
Description  ILLUMInATED PUShBUTTOn SWITCh
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LP4-EE-1-R-B-N-G-W Datasheet(HTML) 1 Page - E-SWITCH

  LP4-EE-1-R-B-N-G-W Datasheet HTML 1Page - E-SWITCH LP4-EE-1-R-B-N-G-W Datasheet HTML 2Page - E-SWITCH LP4-EE-1-R-B-N-G-W Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SERIES LP4 SWITCHES
Mechanical Life:
50,000 cycles
Force:
250 ± 100 grams
Travel:
1.0mm ± 0.3mm LOCK; 1.5mm ± 0.3mm FULL
Specifications subject to change without notice.
SERIES
CAP SIZE
1 = DPDT
CIRCUIT
OA = Momentary
EE = Latching
N = No Cap
A = Square w/ Bezel
B = Round w/ Bezel
C = Round w/o Bezel
FUNCTION
STYLE
LP4
ILLUMInATED PUShBUTTOn SWITCh
7153 NORTHLAND DRIVE NORTH
BROOKLYN PARK, MN 55428
www.e-switch.com
email: info@e-switch.com
MECHANICAL SPECIFICATIONS
Contact Rating:
30VDC, 0.1A
Contact Resistance (Initial Max.):
50milliohms max.
Insulation Resistance (min.@500V):
100megaohms min. @ 500VDC
Dielectric Strength (1 Min.):
500VAC
ELECTRICAL SPECIFICATIONS
Operating Temperature:
-20°C to +70°C
ENVIRONMENTAL SPECIFICATIONS
HOW TO ORDER
PhOnE: 763.504.3525
FAx: 763.531.8235
Example Ordering Number
LP4_OA_ 1_ P_ B_A_ T -- R
FEATURES & BENEFITS
• Latching and momentary options
• Illuminated
• Right angle and vertical mount
options
• Multiple bezel and button designs
APPLICATIONS / MARKETS
• Telecommunications
• Consumer Electronics
• Audio/visual
• Medical
• Testing/instrumentation
• Computer/servers/peripherals
TERMINATION
P = Vertical PCB
Mount
R = Right Angle
PCB Mount*
LED COLOR
OPTIONS
N = No LED
R = Red
G = Green
Y = Yellow
B = Blue
W = White
CAP COLOR
N = No Cap
T = Transparent
G = Green
R = Red
Y = Yellow
B = Blue
HOUSING
COLOR
B = Black
W = White
G = Gray
* Right angle only available in a square cap with bezel.


Similar Part No. - LP4-EE-1-R-B-N-G-W

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
LP40-1200 SUPERWORLD-LP40-1200 Datasheet
110Kb / 1P
POWER TRANSFORMER
LP40-150 SUPERWORLD-LP40-150 Datasheet
109Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP40-150B13 PULSE-LP40-150B13 Datasheet
152Kb / 1P
Laminated Transformers
LP40-150B13 PULSE-LP40-150B13 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
logo
Superworld Electronics
LP40-300 SUPERWORLD-LP40-300 Datasheet
109Kb / 1P
POWER TRANSFORMER
More results

Similar Description - LP4-EE-1-R-B-N-G-W

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL2205 E-SWITCH-TL2205 Datasheet
211Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
Illuminated Pushbutton Switch with LED
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP37 E-SWITCH-LP37 Datasheet
293Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
logo
List of Unclassifed Man...
YB2 ETC-YB2 Datasheet
4Mb / 15P
illuminated pushbutton switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com