Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23RS Datasheet(PDF) 1 Page - Comus International

Part # 23RS
Description  General Purpose - 1 Form A / 2 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

23RS Datasheet(HTML) 1 Page - Comus International

  23RS Datasheet HTML 1Page - Comus International 23RS Datasheet HTML 2Page - Comus International 23RS Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 23RS Series
General Purpose - 1 Form A / 2 Form A - PhotoDMOS Relays
Product Data Sheet
ORDERING INFORMATION
FEATURES
PICTURE
SCHEMATIC
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2019 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
•
PhotoDMOS Relays
• 250 Volt, 170 mA
• On-Resistance: 11 Ω (typical)
• I/O Breakdown Voltage: 1500 Vrms Min.
• Output Capacitance: 37 pF
• Max LED Current 3.0 mA
• Low Off-State Leakage Current 10 μ A Max
• UL File E344988
1: Anode
2: Cathode
3, 4: Drain
1, 3: Anode
2, 4: Cathode
5, 6, 7, 8: Drain
(LED)
(LED)
(MOS FET)
(LED)
(LED)
(MOS FET)
®
SOP4
SOP8
4.4
4.4
2.0
2.0
4.3
9.4
(+)
(-)
(+)
(-) (+) (-)
4
3
1
2
3
4
8
7
6
5
1
2
Drawings not to scale. All dimensions in mm nominal. Pitch: 2.54 mm
Part Number Example: XX23RS-XX
AC23RS-R1 = Series 23RS, 2 Form A, 8 Pin, with tape
and reel packaging
AB23RS
AC23RS
Low Capacitance
/ Resistance
Rev: 0 - Date: Jan/3/2019 - Signature: BR
23RS
AB = 4 pin
AC = 8 pin
Body Style Series Options
R1 = Tape & Reel
ITEM
SYMBOL
VALUE
Input
Continuos LED Current
IF
50 mA
Peak LED Current (f=100 Hz, duty=1%)
IFP
500 mA
LED Reverse Voltage
VR
5 V
Input Power Dissipation
PIn
75 mW
Output
Load Voltage
VL
250 V (AC peak or DC)
Load Current (mA)
IL
170 (1ch)
140 (2ch)
Peak Load Current (1 ms, 1 shot) (mA)
IPeak
420
Output Power Dissipation (mW)
POut
300 (1ch)
450 (2ch)
Total Power Dissipation (mW)
PT
350 (1ch)
500 (2ch)
I/O Breakdown Voltage (Vrms)
VI/O
1500
Operating Temperature
TOpr
-40˚ +85˚C
Storage Temperature
TStg
-40˚ +100˚C
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature: 25°C)


Similar Part No. - 23RS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23RSA101KLA22A ETC2-23RSA101KLA22A Datasheet
69Kb / 4P
Spindle Operated Potentiometers
23RSA101KLB22A ETC2-23RSA101KLB22A Datasheet
69Kb / 4P
Spindle Operated Potentiometers
23RSA101KWA22A ETC2-23RSA101KWA22A Datasheet
69Kb / 4P
Spindle Operated Potentiometers
23RSA101KWB22A ETC2-23RSA101KWB22A Datasheet
69Kb / 4P
Spindle Operated Potentiometers
23RSA101MLA22A ETC2-23RSA101MLA22A Datasheet
69Kb / 4P
Spindle Operated Potentiometers
More results

Similar Description - 23RS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
32-Channel Form A/Form C General Purpose Switch
logo
Everlight Electronics C...
EL6XXA EVERLIGHT-EL6XXA Datasheet
1Mb / 14P
GENERAL PURPOSE 1 FORM A SOLID STATE RELAY 6PIN DIP TYPE FORM A SSR
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
1 Form A Configuration
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com