Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA40F-R1 Datasheet(PDF) 1 Page - Comus International

Part # AA40F-R1
Description  High Voltage - 1 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AA40F-R1 Datasheet(HTML) 1 Page - Comus International

  AA40F-R1 Datasheet HTML 1Page - Comus International AA40F-R1 Datasheet HTML 2Page - Comus International AA40F-R1 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 40 Series
High Voltage - 1 Form A - PhotoDMOS Relays
Product Data Sheet
CONNECTION DIAGRAM
ORDERING INFORMATION
SCHEMATIC
PICTURE
FEATURES
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
•
PhotoDMOS Relays
• 1500 Volt, 45 mA Hi-Voltage design
• On-Resistance: 180 Ω (typical)
• I/O Breakdown Voltage 3750 Vrms Min.
• Optional High I/O BV 5000 Vrms Min.
• Max LED Current 5.0 mA
• Low Off-State Leakage Current 10 μ A Max
1: Anode
2: Cathode
3: NC
4, 6: Drain
5: Source
(LED)
(LED)
(MOS FET)
(MOS FET)
DIP6
8.8
LOAD
VL(AC or DC)
VL(DC)
VL(DC)
VL(DC)
IF
IF
IF
IF
LOAD
Control bi-directional signal
A
C
B
On-Resistance is 1/2 of A-connection
On-Resistance is 1/2 of B-connection
LOAD
LOAD
8.8
6.4
3.4
3.4
6.4
SMD6
1
2
3
(+)
(-)
6
5
4
AA40(F)
Drawings not to scale. All dimensions in mm nominal. Pitch: 2.54 mm
Part Number Example: AA40X-XX
AA40F-R1 = Series 40, 6-Pin DIP, SMD style with tape and reel
packaging
Rev: 0 - Date: June/17/2016 - Signature: BR
1500 VOLTS
40
AA = DIP(6 pin)
Body Style
Series Options
F = SMD
R1 = Tape & Reel (SMD Only)
H = 5KV I/O BV


Similar Part No. - AA40F-R1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AA40-00079A TOSHIBA-AA40-00079A Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
STEREO 2W AUDIO POWER AMPLIFIER
AA4002G-E1 BCDSEMI-AA4002G-E1 Datasheet
425Kb / 22P
STEREO 2W AUDIO POWER AMPLIFIER
AA4002GTR-E1 BCDSEMI-AA4002GTR-E1 Datasheet
425Kb / 22P
STEREO 2W AUDIO POWER AMPLIFIER
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
More results

Similar Description - AA40F-R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1550AT1 VISHAY-LH1550AT1 Datasheet
126Kb / 6P
1 Form A High-Voltage Solid State Relay
26-Oct-04
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Vishay Siliconix
LH1550AAB1 VISHAY-LH1550AAB1_11 Datasheet
141Kb / 6P
1 Form A High-Voltage Solid-State Relay
25-Jul-11
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com