Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC24F-R1 Datasheet(PDF) 2 Page - Comus International

Part # AC24F-R1
Description  High Current - 1 Form A / 2 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AC24F-R1 Datasheet(HTML) 2 Page - Comus International

  AC24F-R1 Datasheet HTML 1Page - Comus International AC24F-R1 Datasheet HTML 2Page - Comus International AC24F-R1 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
ITEM
SYMBOL
VALUE
OUTLINE PACKAGE
SOP 4/8
DIP 4/8
SMD 4/8
DIP 6
SMD 6
1CH
2CH
1CH
2CH
1CH
Input
Continuos LED Current
IF
50 mA
Peak LED Current (f=100 Hz, duty=1%)
IFP
500 mA
LED Reverse Voltage
VR
5 V
Input Power Dissipation
PIn
75 mW
Output
Load Voltage
VL
40 V (AC peak or DC)
Load Current (A)
IL
2.5
2.0
2.5
2.0
3.5
Peak Load Current (1 ms, 1 shot) (A)
IPeak
6.0
6.0
6.0
6.0
8.0
Output Power Dissipation (mW)
POut
350
450
350
450
500
Total Power Dissipation (mW)
PT
400
500
400
500
550
I/O Breakdown Voltage (Vrms)
VI/O
1500
1500
3750
3750
3750
Operating Temperature
TOpr
-40˚ +85˚C
Storage Temperature
TStg
-40˚ +100˚C
ITEM
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Input
LED Forward Voltage
VF
1.0
1.37
1.5
V
IF = 10mA
Operation LED Current
IF On
0.5 (SOP)
1.2 (DIP)
3.0
mA
Recovery LED Voltage
VF Off
0.5
1.0
V
Output
On-Resistance Drain to Drain
ROn
0.033
0.027
(SMD/DIP6)
0.043
0.035
(SMD/DIP6)
Ω
IF = 5mA
IL = Rating Time to flow is
within 1 sec.
Off-State Leakage Current
ILeak
1.0
μA
VL= 40V
Output Capacitance
COut
240
810
(SMD/DIP6)
pF
VL= 0V, f= 1MHz
Transmission
Turn-On Time
TOn
0.4 (SOP)
1.0 (SMD/
DIP4,8)
3.0
ms
IF = 5mA
IL = Rating
(for SOP/SMD/DIP4, 8 type)
Turn-Off Time
TOff
0.5
ms
Turn-On Time
TOn
3.0
ms
IF = 10mA
IL = Rating
(for SMD/DIP6 type)
Turn-Off Time
TOff
0.5
ms
Coupled
I/O Insulation Resistance
RI/O
109
Ω
I/O Capacitance
CI/O
1.3
pF
f = 1MHz
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature: 25˚C)
ELECTRICAL SPECIFICATIONS (Ambient Temperature: 25˚C)
Part Number: 24 Series
High Current - 1 Form A / 2 Form A - PhotoDMOS Relays
Product Data Sheet
Rev: 0 - Date: July/19/2016 - Signature: BR
40 VOLTS
High Current
up to 3.5A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com