Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL05-2A22-14PC-F0-RK Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL05-2A22-14PC-F0-RK
Description  Panel mount receptacle (Waterproof type (mated)), Shell size : 22, Pin Contact (Sold separately), 19 pos.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL05-2A22-14PC-F0-RK Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JL05-2A22-14PC-F0-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL05-2A22-14PC-F0-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL05-2A22-14PC-F0-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Size X No. of Contacts
#16*19
Wire Termination Method
Crimp
Applicable Wire Size
(AWG/Cross-sectional Area of
Conductor/Insulation outer
diameter)
Contact Size #16
C1... #16 to #14AWG / 1.25 mm2 to 2 mm2 / Φ3.8 mm max.
C2... #20 to #16AWG / 0.5 mm2 to 1.25mm2 / Φ3.8 mm max.
C3... #24 to #20AWG / 0.2 mm2 to 0.5 mm2 / Φ3.8 mm max.
Hand Crimping Tool
-
Semi-automatic Crimp tool
-
Outer Shell Color
Black system interference color
Material of Contact
-
Finish of Contact in Connecting
Area
-
Contact Resistance
-
Dielectric Withstanding
Voltage (1 minute)
AC 2,000 Vr.m.s.
Insulation Resistance
5,000 megohm min.
Operating Temperature Range
-55 Deg. C to +125 Deg. C
Applicable Contacts
ST-JL05-16P-C1-100, ST-JL05-16P-C1-100-(A534G), ST-JL05-16P-C1-3500
ST-JL05-16P-C2-100, ST-JL05-16P-C2-3500
ST-JL05-16P-C3-100, ST-JL05-16P-C3-100-(A534G), ST-JL05-16P-C3-3500
Applicable Accessory
-
Applicable Product Part
Numbers
 
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
JL05-6A22-14SC-F0-R
Remarks
No contact (Sold separately)
Notice
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com