Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL05-2A24-28PC-F0-RK Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL05-2A24-28PC-F0-RK
Description  Panel mount receptacle (Waterproof type (mated)), Shell size : 24, Pin Contact (Sold separately), 24 pos.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL05-2A24-28PC-F0-RK Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JL05-2A24-28PC-F0-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL05-2A24-28PC-F0-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL05-2A24-28PC-F0-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JL05-2A24-28PC-F0-RK
Features
Panel mount receptacle (Waterproof type (mated)), Shell size : 24, Pin Contact (Sold separately), 24 pos.
Part Number
JL05-2A24-28PC-F0-RK
Status
Active
Number of Positions
24 pos.
Rated Current (per contact),
when embedded in the
insulator
Contact Size #16
13 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 2 mm2, 1.25 mm2 ]
10 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.8 mm2]
7.5 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.5 mm2]
5 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.3 mm2]
3 A max. [Applicable Wire (Cross-sectional Area of Conductor) : 0.2 mm2]
(For the total capacity of current that can flow through the entire connector,
please contact us separately.)
Waterproof/ Non-waterproof
Waterproof (mated condition)
Connector Type
Panel mount receptacle
Shell Size
24
Contact Arrangement Code
 
24 - 28
Contact Type
Pin
insert rotation position
(degrees)
-
Contact Size
#16
Product Details


Similar Part No. - JL05-2A24-28PC-F0-RK

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL05-2A24-28PCV-FO-R JAE-JL05-2A24-28PCV-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A24-28PCW-FO-R JAE-JL05-2A24-28PCW-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A24-28PCX-FO-R JAE-JL05-2A24-28PCX-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A24-28PCY-FO-R JAE-JL05-2A24-28PCY-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
JL05-2A24-28PCZ-FO-R JAE-JL05-2A24-28PCZ-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
More results

Similar Description - JL05-2A24-28PC-F0-RK

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0071 MOLEXKITS-76650-0071 Datasheet
38Kb / 2P
Panel Mount Plug and Receptacle, 24 Circuit
logo
Molex Electronics Ltd.
84505-0003 MOLEX11-84505-0003 Datasheet
46Kb / 1P
XRC Sealed Plug with Pin Insert, Shell Size 24, 31 Circuits, with Collar
84511-0004 MOLEX11-84511-0004 Datasheet
49Kb / 1P
XRC Sealed Receptacle with Pin Insert, Shell Size 24, 31 Circuits, without Collar
84511-0005 MOLEX11-84511-0005 Datasheet
51Kb / 1P
XRC Sealed Receptacle with Pin Insert, Shell Size 24, 31 Circuits, with Collar
logo
Virginia Panel Corporat...
510160104 VPC-510160104 Datasheet
73Kb / 1P
24 POS PWR-CX
logo
Molex Electronics Ltd.
0845110004 MOLEX1-0845110004 Datasheet
42Kb / 1P
XRC Sealed Receptacle with Pin Insert, Shell Size 24, 31 Circuits, without Collar
0845110005 MOLEX1-0845110005 Datasheet
44Kb / 1P
XRC Sealed Receptacle with Pin Insert, Shell Size 24, 31 Circuits, with Collar
logo
Amphenol Corporation
RCP-5SPFFP-SCM7B10 AMPHENOL-RCP-5SPFFP-SCM7B10 Datasheet
103Kb / 1P
RJ45,C SIZE,MATED WATERPROOF
2019-09-16
logo
Japan Aviation Electron...
KN01P10KLH5 JAE-KN01P10KLH5 Datasheet
95Kb / 3P
CONN #22 SIZE PIN CONTACT FOR 24
JL04V-6A22-22SE-EB-R JAE-JL04V-6A22-22SE-EB-R Datasheet
67Kb / 4P
Straight plug, TÜV, Waterproof (when mated) type, 4 pos., Socket, Contact arrangement code: 22-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com