Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3116 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC3116
Description  160V/700mA Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3116 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC3116 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3116 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3116 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3116 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.1032-2/4
2SA1248/2SC3116
INPUT
100V
50
Ω
333
Ω
100
µF
470
µF
--5V
20IB1=--20IB2=IC=300mA
(For PNP, the polarity is reversed.)
+
+
VR
PW=20
µs
D.C.
≤1%
RB
IB1
IB2
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
e
s
a
B
n
o
m
m
o
CC b
o
V B
C
z
H
M
1
=
f
,
V
0
1
)
–
(
=
8
)
1
1
(
F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
5
2
)
–
(
=
B
A
m
5
2
)
–
(
=
2
1
.
0
)
2
.
0
–
(
4
.
0
)
5
.
0
–
(
V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
5
2
)
–
(
=
B
A
m
5
2
)
–
(
=5
8
.
0
)
–
(2
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
I
,
A
µ
0
1
)
–
(
=
E 0
=0
8
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
R
,
A
m
1
)
–
(
=
C
I
E
B =∞
0
6
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
)
–
(
=
C 0
=6
)
–
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
5
)
0
6
(s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S
)
0
0
9
(
0
0
0
1
s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
6
)
0
6
(s
n
Switching Time Test Circuit
ITR03053
IC -- VCE
0
--200
--400
--600
--800
--1000
200
400
600
800
1000
0
0
--100
--200
--300
--400
--500
--600
--700
--800
0
200
100
300
400
500
600
700
800
ITR03054
IC -- VCE
--20mA
--40mA
--60mA
--80mA
--100mA
--120mA
IB=0
2SA1248
Pulse
2SC3116
Pulse
10mA
20mA
30mA
40mA
50mA
IB=0
From top
--200
mA
--180
mA
--160
mA
--140
mA
From top
100
mA
90
mA
80
mA
70
mA
60
mA
Collector-to-Emitter Voltage, VCE –mV
Collector-to-Emitter Voltage, VCE –mV
10
20
30
40
50
60
70
80
0
0
200
400
600
800
1000
ITR03056
ITR03055
--40
--30
--60
--50
--70
--80
--10
--20
0
IC -- VCE
2SC3116
Pulse
IC -- VCE
2SA1248
Pulse
0
--100
--200
--300
--400
--500
--600
--700
--800
--0.5mA
--1.0mA
--1.5mA
--2.0mA
--2.5mA
--3.0mA
--3.5mA
--4.0mA
--4.5mA
--5.0mA
IB=0
0.5mA
1.0mA
1.5mA
2.0mA
2.5mA
3.0mA
3.5mA
4.0mA
IB=0
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com