Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2100 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP2100
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2100 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP2100 Datasheet HTML 2Page - Renesas Technology Corp HIP2100 Datasheet HTML 3Page - Renesas Technology Corp HIP2100 Datasheet HTML 4Page - Renesas Technology Corp HIP2100 Datasheet HTML 5Page - Renesas Technology Corp HIP2100 Datasheet HTML 6Page - Renesas Technology Corp HIP2100 Datasheet HTML 7Page - Renesas Technology Corp HIP2100 Datasheet HTML 8Page - Renesas Technology Corp HIP2100 Datasheet HTML 9Page - Renesas Technology Corp HIP2100 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HIP2100
FN4022 Rev.16.00
Page 6 of 14
Aug 8, 2019
BOOT STRAP DIODE
Low-Current Forward Voltage
VDL
IVDD-HB = 100µA
-
0.45 0.55
-
0.7
V
High-Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.8
-
1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.8
1
-
1.5
Ω
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD-VLO
-
0.25
0.3
-
0.4
V
Peak Pullup Current
IOHL
VLO = 0V
-
2
-
-
-
A
Peak Pulldown Current
IOLL
VLO = 12V
-
2
-
-
-
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB-VHO
-
0.25
0.3
-
0.4
V
Peak Pullup Current
IOHH
VHO = 0V
-
2
-
-
-
A
Peak Pulldown Current
IOLH
VHO = 12V
-
2
-
-
-
A
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, unless otherwise specified. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +125°C
UNIT
MIN TYP MAX
MIN
(Note 8)
MAX
(Note 8)
Switching Specifications VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, unless otherwise specified.
PARAMETERS
SYMBOL
TEST
CONDITIONS
TJ = +25°C
TJ = -40°C TO +125°C
UNIT
MIN TYP MAX
MIN
(Note 8)
MAX
(Note 8)
Lower Turn-Off Propagation Delay (LI Falling to LO Falling)
tLPHL
-
20
35
-
45
ns
Upper Turn-Off Propagation Delay (HI Falling to HO Falling)
tHPHL
-
20
35
-
45
ns
Lower Turn-On Propagation Delay (LI Rising to LO Rising)
tLPLH
-
20
35
-
45
ns
Upper Turn-On Propagation Delay (HI Rising to HO Rising)
tHPLH
-
20
35
-
45
ns
Delay Matching: Lower Turn-On and Upper Turn-Off
tMON
-
2
8
-
10
ns
Delay Matching: Lower Turn-Off and Upper Turn-On
tMOFF
-
2
8
-
10
ns
Either Output Rise/Fall Time
tRC, tFC
CL = 1000pF
-
10
-
-
-
ns
Either Output Rise/Fall Time (3V to 9V)
tR, tF
CL = 0.1µF
-
0.5
0.6
-
0.8
µs
Either Output Rise Time Driving DMOS
tRD
CL = IRFR120
-
20
-
-
-
ns
Either Output Fall Time Driving DMOS
tFD
CL = IRFR120
-
10
-
-
-
ns
Minimum Input Pulse Width that Changes the Output
tPW
-
-
-
-
50
ns
Bootstrap Diode Turn-On or Turn-Off Time
tBS
-10
-
-
-
ns
NOTE:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com