Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFW43 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BFW43
Description  HIGH VOLTAGE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BFW43 Datasheet(HTML) 1 Page - STMicroelectronics

  BFW43 Datasheet HTML 1Page - STMicroelectronics BFW43 Datasheet HTML 2Page - STMicroelectronics BFW43 Datasheet HTML 3Page - STMicroelectronics BFW43 Datasheet HTML 4Page - STMicroelectronics BFW43 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFW43
HIGH VOLTAGE AMPLIFIER
DESCRIPTION
The BFW43 is a silicon planar epitaxial PNP
transistors in Jedec TO-18 metal case. It is
designed for use in amplifiers where high voltage
and high gain are necessary. In particular, its
feature a VCEO of 150V are specified over a wide
range of curent.
INTERNAL SCHEMATIC DIAGRAM
November 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collect or-Base Voltage (IE = 0)
-150
V
VCEO
Collect or-Emitt er Voltage (IB = 0)
-150
V
VEBO
Emitt er-Base Voltage (IC =0)
-6
V
IC
Collect or Current
-0. 1
A
Ptot
Total Dissipation at Tamb
≤ 25 oC
at Tcase
≤ 25 oC
0.4
1.4
W
W
Tstg
St orage Temperature
-55 t o 200
oC
Tj
Max. Operating Junction Temperature
200
oC
TO-18
1/5


Similar Part No. - BFW43

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFW43 SEME-LAB-BFW43 Datasheet
22Kb / 2P
PNP SILICON TRANSISTOR
More results

Similar Description - BFW43

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5415S STMICROELECTRONICS-2N5415S Datasheet
52Kb / 4P
HIGH-VOLTAGE AMPLIFIER
Oct-1988
BC393 STMICROELECTRONICS-BC393 Datasheet
66Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
BC394 STMICROELECTRONICS-BC394 Datasheet
75Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
logo
Fairchild Semiconductor
KSA709 FAIRCHILD-KSA709 Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009 FAIRCHILD-KSC1009 Datasheet
37Kb / 4P
High Voltage Amplifier
logo
List of Unclassifed Man...
2SA709 ETC-2SA709 Datasheet
93Kb / 2P
HIGH VOLTAGE AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK690 MSK-MSK690 Datasheet
127Kb / 4P
HIGH VOLTAGE AMPLIFIER
logo
List of Unclassifed Man...
QA452 ETC1-QA452 Datasheet
26Kb / 2P
High Voltage Amplifier
logo
Fairchild Semiconductor
KSA709CGBU FAIRCHILD-KSA709CGBU Datasheet
43Kb / 4P
High Voltage Amplifier
KSA709YTA FAIRCHILD-KSA709YTA Datasheet
43Kb / 4P
High Voltage Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com