Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP2 Datasheet(PDF) 1 Page - E-SWITCH

Part # PP2
Description  pp2 SerieS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PP2 Datasheet(HTML) 1 Page - E-SWITCH

  PP2 Datasheet HTML 1Page - E-SWITCH PP2 Datasheet HTML 2Page - E-SWITCH PP2 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
2
RoHS
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
pp2 SerieS
Commercial Appliances
Gaming
HVAC
Security Devices
Specifications subject to change without notice
Electrical Rating:
Rating Option 1: 10R (4)A 277VAC 5E4
Rating Option 7: 16A 125VAC [cURus];
12A 250VAC [cURus]; 1HP 125/250VAC [cURus]
Electrical Life: 6,000 Cycles
Mechanical Life: 50,000 Cycles
Contact Resistance: 10mΩ Max.
Insulation Resistance: 10MΩ Min.
Operating Temperature 0°C to 85°C
Panel Cutout: 13.5mm x 36mm
Function: DPDT, On-On or On
1-On2-(On1)
• Push-pull or momentary functions
• Various actuator and terminal options
• High ratings with UL approvals
• Acts as door interlock switch
PP2
1 - 4.8mm x 0.8mm Tabs, Vertical
4 - 6.3mm x 0.8mm Tabs, Vertical
7 - 4.8mm x 0.5mm Tabs, Vertical
H - On-On
U - On
1-On2-(On1)
A - 21.7mm Straight
B - 18.3mm Push-Pull
C - 20.8mm Push-Pull
D - 11.4mm Short
*
**
**
*
1 - 10R(4)A 277VAC
5E4
7 - 16A 125VAC
12A 250VAC
1HP 125/250VAC
Series
Terminal
Type
Function
Actuator Height
Contact
Rating
Body
Color
Actuator
Color
1 - Black
2 - White
2 - White
* Available with “H” function only
** Available with “U” function only
*** Available only with Contact Rating option “1”
***


Similar Part No. - PP2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PP2 E-SWITCH-PP2 Datasheet
311Kb / 1P
PUSH-PULL OR MOMENTARY FUNCTIONS
logo
Electronic devices inc.
PP20 EDI-PP20 Datasheet
87Kb / 2P
SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
logo
IDEAL-TEK SA
PP2002E IDEAL-TEK-PP2002E Datasheet
450Kb / 1P
TEK-ME Carbon Steel Hand tools
REV.00 - 28.08.2024
PP2002E.IT IDEAL-TEK-PP2002E.IT Datasheet
450Kb / 1P
TEK-ME Carbon Steel Hand tools
REV.00 - 28.08.2024
logo
Powerex Power Semicondu...
PP200B060 POWEREX-PP200B060 Datasheet
361Kb / 6P
POW-R-PAK 200A / 600V H-Bridge IGBT Assembly
More results

Similar Description - PP2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com